Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 6Page - NXP Semiconductors LPC802 Datasheet HTML 7Page - NXP Semiconductors LPC802 Datasheet HTML 8Page - NXP Semiconductors LPC802 Datasheet HTML 9Page - NXP Semiconductors LPC802 Datasheet HTML 10Page - NXP Semiconductors LPC802 Datasheet HTML 11Page - NXP Semiconductors LPC802 Datasheet HTML 12Page - NXP Semiconductors LPC802 Datasheet HTML 13Page - NXP Semiconductors LPC802 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
10 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
7.2 Pin description
Table 4 shows the pin functions that are fixed to specific pins on each package. These
fixed-pin functions are selectable through the switch matrix between GPIO and the
comparator, ADC, SWD, and RESET pins. By default, the GPIO function is selected
except on pins PIO0_2, PIO0_3, and PIO0_5. JTAG functions are available in boundary
scan mode only.
Movable functions for the I2C, USART, SPI, CTimer pins and other peripherals can be
assigned through the switch matrix to any pin that is not power or ground in place of the
pin’s fixed functions.
The following exceptions apply:
Do not assign more than one output to any pin. However, an output and/or one or more
inputs can be assigned to a pin. Once any function is assigned to a pin, the pin’s GPIO
functionality is disabled.
Eight GPIO pins trigger a wake-up from deep power-down mode. If the part must wake up
from deep power-down mode via an external pin, do not assign any movable function to
this pin. The GPIO pins should be pulled HIGH externally before entering deep
power-down mode. A LOW-going pulse as short as 50 ns causes the chip to exit deep
power-down mode and wakes up the part.
The JTAG functions TDO, TDI, TCK, TMS, and TRST are selected on pins PIO0_0 to
PIO0_4 by hardware when the part is in boundary scan mode.
PIO0_2, PIO0_3, and PIO0_12 are the high drive output pins. PIO0_4, PIO0_8, PIO0_9,
PIO0_10, PIO0_11, PIO0_13, PIO0_15, and PIO0_17 are the WAKEUP pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com