Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 8 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 4Page - Motorola, Inc ROMEO2 Datasheet HTML 5Page - Motorola, Inc ROMEO2 Datasheet HTML 6Page - Motorola, Inc ROMEO2 Datasheet HTML 7Page - Motorola, Inc ROMEO2 Datasheet HTML 8Page - Motorola, Inc ROMEO2 Datasheet HTML 9Page - Motorola, Inc ROMEO2 Datasheet HTML 10Page - Motorola, Inc ROMEO2 Datasheet HTML 11Page - Motorola, Inc ROMEO2 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
8
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
DATA MANAGER
This block has five purposes:
- ID detection,
- Header recognition,
- Clock recovery,
- Output data and recovered clock on SPI port,
- End-of-Message detection.
Table 2 details some ROMEO2 features versus the bits DME and SOE values.
Table 2: ROMEO2 features versus DME and SOE
Table 3 details some ROMEO2 features versus DME values.
Table 3: ROMEO2 features versus DME
CLOCK GENERATOR
Typical crystal frequency is 13.5775MHz for 868MHz band.
Figure 11: Clock generation diagram
DME
SOE
Timer
ROMEO2
kept in Run mode by
Microcontroller
woken-up by
0
0
External control by
STROBE pin
STROBE pin
Raw data
1
Internal and external
control by STROBE pin
1
0
External control by
STROBE pin
STROBE pin
Message Detection
word
1
Internal and external
control by STROBE pin
ID detection
and STROBE pin
Data clock
DME
SPI status
Data format
Output
0
Disabled
Bitstream
No clock
MOSI
-
1
Master when
RESETB=1
Data bytes
Recovered clock
MOSI
SCLK
Phase Frequency Detector
XTAL
Reference
÷ 64
÷ 11
IF Filter Reference Clock
& Clock Recovery
UHF Oscillator
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com