Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 23 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 23 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 19Page - Motorola, Inc ROMEO2 Datasheet HTML 20Page - Motorola, Inc ROMEO2 Datasheet HTML 21Page - Motorola, Inc ROMEO2 Datasheet HTML 22Page - Motorola, Inc ROMEO2 Datasheet HTML 23Page - Motorola, Inc ROMEO2 Datasheet HTML 24Page - Motorola, Inc ROMEO2 Datasheet HTML 25Page - Motorola, Inc ROMEO2 Datasheet HTML 26Page - Motorola, Inc ROMEO2 Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
23
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
6
Strobe Oscillator (SOE=1)
6.1
Strobe Oscillator Period
(TStrobe) Range
TStrobe=0.12
× R2 × C5,
see figure 17
23.8
87
ms
6.9
External Capacitor (C5)
-
68
330
nF
6.10
External Resistor (R2)
-
470
2200
k
Ω
6.2
Strobe Oscillator
Period Accuracy
TJ=25°C, VCC=5V,
external components R2 & C5 fixed
-5
-
5
%
6.3
Strobe Oscillator Period
Temperature Coefficient
-0.05
-
%/
°C
6.4
Strobe Oscillator Period
Supply Voltage Coefficient
(
∆TStrobe/TStrobe)/(∆VCC/VCC)
-0.2
-
-
6.5
Sink Output Resistance
Pin STROBE
-6
-
k
Ω
6.7
High Threshold Voltage
-
1.0
-
V
6.8
Low Threshold Voltage
-
0.45
-
V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC=[4.5V;5.5V], operating temperature range TA=[-40°C;+85°C]. Values refer to
the circuit in recommended in the application schematic (see figure 17), unless otherwise specified. Typical
values reflect average measurement at VCC=5V, TA=25°C, using MC33593 (500kHz IF bandwidth).
Parameter
Test Conditions, Comments
Limits
Unit
Min.
Typ.
Max.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com