Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 16 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 16 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 12Page - Motorola, Inc ROMEO2 Datasheet HTML 13Page - Motorola, Inc ROMEO2 Datasheet HTML 14Page - Motorola, Inc ROMEO2 Datasheet HTML 15Page - Motorola, Inc ROMEO2 Datasheet HTML 16Page - Motorola, Inc ROMEO2 Datasheet HTML 17Page - Motorola, Inc ROMEO2 Datasheet HTML 18Page - Motorola, Inc ROMEO2 Datasheet HTML 19Page - Motorola, Inc ROMEO2 Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
16
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
State 9:
If Header or its complement is detected, the state machine advances to state 10. If not, it will stay in state 9 as
long as STROBE is high.
State 10:
If Header has been received, data and clock signals are output on the SPI port. If the complement of Header has
been received, output data are complemented too. At any time a low level applied on STROBE sets the circuit
into state 6, after the current byte is fully transmitted.
State 11:
If data are received after a End of Message they are output on the MOSI pin without clock recovery.
For all states:
At any time, a low level applied on RESETB for more than one Ts forces the state machine to state 1. When the
transition condition from one state to the next one is fulfilled, the transition time is one Ts except reaching state 6.
The transition time for reaching state 6 is 2
× Ts (+ time needed to shift out a full byte if STROBE pin is forced to
low when in state 10).
STROBE OSCILLATOR
The Strobe Oscillator is a relaxation oscillator in which an external capacitor C5 is charged by an external
resistance R2 (refer to figure 17 and table 11). When a threshold is reached or exceeded C5 is discharged and
the cycle restarts. The period is: TStrobe=0.12
× R2 × C5.
The circuit may be forced into states 0b, 3, 7 etc. (see State Machine Diagrams) by setting the STROBE pin to
VCC. As VCC is above the oscillator threshold voltage referred to in the previous paragraph, the condition in which
the STROBE pin is set to VCC is internally detected and the oscillator pull-down circuitry disabled to limit the
current which must be supplied.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com