Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 22 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 18Page - Motorola, Inc ROMEO2 Datasheet HTML 19Page - Motorola, Inc ROMEO2 Datasheet HTML 20Page - Motorola, Inc ROMEO2 Datasheet HTML 21Page - Motorola, Inc ROMEO2 Datasheet HTML 22Page - Motorola, Inc ROMEO2 Datasheet HTML 23Page - Motorola, Inc ROMEO2 Datasheet HTML 24Page - Motorola, Inc ROMEO2 Datasheet HTML 25Page - Motorola, Inc ROMEO2 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
22
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
4
PLL Divider & Crystal Oscillator
4.1
Maximum Crystal
Series Resistance
--
200
Ω
5
Data Filter & Slicer, Data Manager, SPI
5.1
Data Frequency
OOK and FSK modulations, DME=0
1
-
11
kHz
5.2
Low pass filter delay
2nd order Butterworth response
DR1=0, DR0=0, 1200 bauds
51
73
102
µs
5.3
DR1=0, DR0=1, 2400 bauds
30
42
57
µs
5.4
DR1=1, DR0=0, 4800 bauds
19
25
34
µs
5.5
DR1=1, DR0=1, 9600 bauds
12
16
22
µs
5.6
Data Rate Range
for Clock Recovery
DR1=0, DR0=0
1.0
-
1.4
kBd
5.7
DR1=0, DR0=1
2
-
2.7
kBd
5.8
DR1=1, DR0=0
4
-
5.3
kBd
5.9
DR1=1, DR0=1
8.6
-
10.6
kBd
5.10
Input Low Voltage
Pins MOSI, SCLK, RESETB
0
-
0.3
×
VCC
V
5.11
Input High Voltage
0.7
×
VCC
-
VCC
V
5.13
Input Pull Down Current
Pins MOSI, SCLK, RESETB, VIN=VCC
-2
-
µA
5.14
Output Low Voltage
Pins MOSI, MISO, SCLK,
|ILOAD| =10µA
00.02
0.2
×
VCC
V
5.15
Output High Voltage
0.8
×
VCC
4.97
VCC
V
5.16
Fall/Rise Time
Pins MOSI, MISO, SCLK, CLOAD = 5pF,
from 10% to 90% of the output swing
--
100
ns
5.17
Input Low Voltage
Pin STROBE used as digital input
0-
0.5
V
5.18
Input High Voltage
4.4
-
VCC
V
5.19
Input Pull Down Current
Pin STROBE used as digital input,
VIN=VCC
--
50
µA
5.20
SPI data rate
On MOSI, MISO & SCLK,
SPI master or slave,
see note 8
--
310
kBd
5.21
SPI interface source current
VOH=0.8
× V
CC
MOSI, MISO, SCLK pins
60
170
-
µA
5.22
SPI interface sink current
VOL=0.2
× V
CC
60
220
-
µA
Note 8: As well as the state machine, the SPI interface is synchronized by a sampling clock at 615kHz derivated
from the crystal oscillator. The maximum speed is then half this synchronization clock.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC=[4.5V;5.5V], operating temperature range TA=[-40°C;+85°C]. Values refer to
the circuit in recommended in the application schematic (see figure 17), unless otherwise specified. Typical
values reflect average measurement at VCC=5V, TA=25°C, using MC33593 (500kHz IF bandwidth).
Parameter
Test Conditions, Comments
Limits
Unit
Min.
Typ.
Max.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com