Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 20 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 20 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 16Page - Motorola, Inc ROMEO2 Datasheet HTML 17Page - Motorola, Inc ROMEO2 Datasheet HTML 18Page - Motorola, Inc ROMEO2 Datasheet HTML 19Page - Motorola, Inc ROMEO2 Datasheet HTML 20Page - Motorola, Inc ROMEO2 Datasheet HTML 21Page - Motorola, Inc ROMEO2 Datasheet HTML 22Page - Motorola, Inc ROMEO2 Datasheet HTML 23Page - Motorola, Inc ROMEO2 Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
20
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
Note 3: Sensitivity measurement method with Data Manager disabled (DME=0)
A continuous Manchester coded 0 sequence (4.8kBd, OOK modulation depth: 100%, FSK modulation deviation:
35kHz, 50% duty cycle) is applied at RFIN. The mean value of the frequency of the output signal on MOSI is
measured over 200 cycles. The sensitivity is defined as the lowest input level during an NRZ one corresponding to
a mean output frequency deviation lower than 5% of the expected data rate.
Note 4: Sensitivity measurement method with Data Manager enabled (DME=1, HE=0)
A complete telegram (4.8kBd, OOK modulation depth: 100%, FSK modulation deviation: 35kHz, 50% duty cycle)
including preamble, ID word and data (80 random bits without Header) is applied at RFIN. The sensitivity is
defined as the lowest input level during an NRZ one necessary to achieve 0 Bit Error Rate (BER).
Note 5: 50
Ω matching networks
868MHz band: C1=100pF, L1=27nH, L2=27nH
Tolerances: +/-10% for capacitances; +/-2% for inductor
Note 6: Sensitivity measurement conditions
* OOK & FSK Modulation (+/-35kHz) at 4.8kBd (50% duty cycle)
* 868MHz band (500kHz IF bandwidth)
* Performances include receiver crystal tolerance of +/-80ppm over temperature range i.e. +/-35kHz @ 868MHz
Note 7: FSK variation measurement conditions
A frequency modulated signal, carrier = 660kHz with ±35kHz deviation is injected at MIXOUT
Measure the DMDAT voltage swing at 660kHz, this will be DMDAT(Ref) in actual temperature/Vcc conditions
Measure the DMDAT voltage swing from
- Freq[1] = 660kHz - 120kHz to Freq[2] = 660kHz + 120kHz
DMDAT(Ref) / DMDAT(Freq[x]) is measured over the whole range Freq[1] to Freq[2]
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC=[4.5V;5.5V], operating temperature range TA=[-40°C;+85°C]. Values refer to
the circuit in recommended in the application schematic (see figure 17), unless otherwise specified. Typical
values reflect average measurement at VCC=5V, TA=25°C, using MC33593 (500kHz IF bandwidth).
Parameter
Test Conditions, Comments
Limits
Unit
Min.
Typ.
Max.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com