Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 18 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 14Page - Motorola, Inc ROMEO2 Datasheet HTML 15Page - Motorola, Inc ROMEO2 Datasheet HTML 16Page - Motorola, Inc ROMEO2 Datasheet HTML 17Page - Motorola, Inc ROMEO2 Datasheet HTML 18Page - Motorola, Inc ROMEO2 Datasheet HTML 19Page - Motorola, Inc ROMEO2 Datasheet HTML 20Page - Motorola, Inc ROMEO2 Datasheet HTML 21Page - Motorola, Inc ROMEO2 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
18
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
2
RF Parameters
General and Front End parameters assume a 50
Ω resistor in parallel with the D.U.T. except where the use of
a matching network is specified.
2.1.1
Sensitivity in OOK
at nominal transmitter
center frequency
DME=0, with matching network,
see notes 2, 3, 5, 6
-
-105
-96
dBm
2.1.2
" "
DME=1, with matching network,
see notes 2, 4, 5, 6
-
-103
-94
dBm
2.1.3
" "
DME=0, see notes 2, 3, 6
-
-96
-87
dBm
2.1.4
" "
DME=1, see notes 2, 4, 6
-
-94
-85
dBm
2.2.1
Sensitivity in OOK
at nominal transmitter
center frequency
Operating temperature range
-20°C to +85°C
DME=0, with matching network,
see notes 2, 3, 5, 6
-
-105
-98
dBm
2.2.2
" "
DME=1, with matching network,
see notes 2, 4, 5, 6
-
-103
-96
dBm
2.2.3
" "
DME=0, see notes 2, 3, 6
-
-96
-89
dBm
2.2.4
" "
DME=1, see notes 2, 4, 6
-
-94
-87
dBm
2.3.1
Sensitivity in FSK
at nominal transmitter
center frequency
DME=0, with matching network,
see notes 3, 5, 6
-
-105
-99
dBm
2.3.2
DME=1, with matching network,
see notes 4, 5, 6
-
-103
-97
dBm
2.3.3
DME=0, see notes 3, 6
-
-96
-90
dBm
2.3.4
DME=1, see notes 4, 6
-
-94
-88
dBm
2.6.1
Sensitivity in FSK
Transmitter frequency shift at +/-40kHz
500kHz IF bandwidth
DME=1, see notes 4, 6
--
-86
dBm
2.6.2
Transmitter frequency shift at +/-80kHz
500kHz IF bandwidth
DME=1, see notes 4, 6
--
-84
dBm
2.8.2
Variation of DMDAT level,
FSK modulation
500kHz IF bandwidth, see note 7
-6
-
6
dB
2.11
Image Frequency Rejection
868MHz band
20
28
-
dB
2.14
IP3
868MHz band,
measured at MIXOUT, min. value
for 2 pairs of frequencies (MHz):
(880.00, 891.70), (905.00, 941.70)
--20
-
dBm
2.15
Max. Detectable Input Signal
Level of a NRZ 1
OOK modulation,
TX modulation depth: 97.5%
--14
-
dBm
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC=[4.5V;5.5V], operating temperature range TA=[-40°C;+85°C]. Values refer to
the circuit in recommended in the application schematic (see figure 17), unless otherwise specified. Typical
values reflect average measurement at VCC=5V, TA=25°C, using MC33593 (500kHz IF bandwidth).
Parameter
Test Conditions, Comments
Limits
Unit
Min.
Typ.
Max.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com