Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 2 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 2 Page - Motorola, Inc

  ROMEO2 Datasheet HTML 1Page - Motorola, Inc ROMEO2 Datasheet HTML 2Page - Motorola, Inc ROMEO2 Datasheet HTML 3Page - Motorola, Inc ROMEO2 Datasheet HTML 4Page - Motorola, Inc ROMEO2 Datasheet HTML 5Page - Motorola, Inc ROMEO2 Datasheet HTML 6Page - Motorola, Inc ROMEO2 Datasheet HTML 7Page - Motorola, Inc ROMEO2 Datasheet HTML 8Page - Motorola, Inc ROMEO2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
2
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
VCC
5V power supply
2
VCC
5V power supply
3
VCCLNA
5V LNA power supply
4
RFIN
RF input
5
GNDLNA
LNA ground
6GNDSUB
Ground
7
PFD
Access to VCO control voltage
8
GNDVCO
VCO ground
9
GND
Ground
10
XTAL1
Reference oscillator crystal
11
XTAL2
Reference oscillator crystal
12
CAGC
IF AGC capacitor for OOK
Reference for FSK
13
DMDAT
Demodulated data (OOK & FSK modulation)
14
RESETB
State Machine Reset
15
MISO
SPI interface I/O
16
MOSI
SPI interface I/O
17
SCLK
SPI interface clock
18
VCCDIG
5V digital power supply
19
GNDDIG
Digital ground
20
RCBGAP
Reference voltage output
21
STROBE
Strobe oscillator control
Stop/Run external control input
22
CAFC
AFC capacitor
23
MIXOUT
Mixer output
24
CMIXAGC
Mixer AGC capacitor
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com