Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 25 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 25 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 20Page - Motorola, Inc ROMEO2 Datasheet HTML 21Page - Motorola, Inc ROMEO2 Datasheet HTML 22Page - Motorola, Inc ROMEO2 Datasheet HTML 23Page - Motorola, Inc ROMEO2 Datasheet HTML 24Page - Motorola, Inc ROMEO2 Datasheet HTML 25Page - Motorola, Inc ROMEO2 Datasheet HTML 26Page - Motorola, Inc ROMEO2 Datasheet HTML 27Page - Motorola, Inc ROMEO2 Datasheet HTML 28Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
25
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
Table 11: Component description
R2 and C5 values correspond to a strobe oscillator period TStrobe=3.8ms.
Exemple of crystal reference is given below.
Table 12: Typical crystal characteristics (SMD package)
CAGC capacitor is data rate related in FSK modulation.
Table 13: C2 value versus data rate in FSK modulation
Component
Function
Value
Unit
Q
Reference oscillator crystal
868MHz band: 13.5775
MHz
R1
Current reference resistor
180
± 1%
k
Ω
R2
Strobe oscillator resistor
470
k
Ω
C1
Crystal load capacitor
10
pF
C2
- OOK modulation -
IF amplifier AGC capacitor
100
± 10%
nF
- FSK modulation -
Low pass filter capacitor
See table 13
C3
AFC capacitor
100
± 10%
pF
C4
Mixer AGC capacitor
10
± 10%
nF
C5
Strobe oscillator capacitor
68
nF
C6
Power supply
decoupling capacitor
100
nF
C7
100
pF
C8
1
nF
C9
Crystal DC
decoupling capacitor
10
nF
Parameter
NDK LN-G102-955 (for 868MHz)
Unit
Crystal frequency
13.5775MHz
MHz
Load capacitance
12
pF
Motional capacitance
4.8
fF
Static capacitance
1.43
pF
Max loss resistance
50
Ω
Data Rate
Unit
1.2
2.4
4.8
9.6
kBd
C2
100
± 10%
47
± 10%
22
± 10%
12/10
± 10%
nF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com