Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 17 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 17 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 13Page - Motorola, Inc ROMEO2 Datasheet HTML 14Page - Motorola, Inc ROMEO2 Datasheet HTML 15Page - Motorola, Inc ROMEO2 Datasheet HTML 16Page - Motorola, Inc ROMEO2 Datasheet HTML 17Page - Motorola, Inc ROMEO2 Datasheet HTML 18Page - Motorola, Inc ROMEO2 Datasheet HTML 19Page - Motorola, Inc ROMEO2 Datasheet HTML 20Page - Motorola, Inc ROMEO2 Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
17
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC=[4.5V;5.5V], operating temperature range TA=[-40°C;+85°C]. Values refer to
the circuit in recommended in the application schematic (see figure 17), unless otherwise specified. Typical
values reflect average measurement at VCC=5V, TA=25°C, using MC33593 (500kHz IF bandwidth).
Parameter
Test Conditions, Comments
Limits
Unit
Min.
Typ.
Max.
1
General Parameters
1.2
Mean Supply Current
868MHz band, Strobe Ratio=7,
PG=0, see note 1
-1.05
1.45
mA
1.4
Supply Current in Run
& Configuration Modes
868MHz band, PG=0
-
7.7
10.0
mA
1.5
Supply Current in Sleep Mode
Strobe oscillator enabled
-
115
250
µA
1.6
Strobe oscillator disabled
-
90
200
µA
1.8
Supply Current in Run
& Configuration Modes
868MHz band, PG=1
-
7.4
9.6
mA
1.9
Sleep Mode to Run Mode Delay
Circuit ready to receive,
OOK modulation
-1.0
1.8
ms
1.10
Circuit ready to receive,
FSK modulation,
fdata is the data rate in kBd
-
0.7 +
3 /
fdata
1.4 +
3 /
fdata
ms
1.11
Run Mode to Sleep Mode Delay
Measured between
falling edge on STROBE
and supply current reduced to 10%
-0.1
-
ms
Note 1: If IRun and ISleep are the supply currents in Run and Sleep modes and SR is the Strobe Oscillator Ratio,
the Mean Supply Current IMean is given by: IMean=(IRun + SR
× I
Sleep) / (SR + 1).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com