Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 15 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 15 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 11Page - Motorola, Inc ROMEO2 Datasheet HTML 12Page - Motorola, Inc ROMEO2 Datasheet HTML 13Page - Motorola, Inc ROMEO2 Datasheet HTML 14Page - Motorola, Inc ROMEO2 Datasheet HTML 15Page - Motorola, Inc ROMEO2 Datasheet HTML 16Page - Motorola, Inc ROMEO2 Datasheet HTML 17Page - Motorola, Inc ROMEO2 Datasheet HTML 18Page - Motorola, Inc ROMEO2 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
15
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
STATE MACHINE WITH STROBE PIN CONTROL
Figure 16 details the state machine when the strobe oscillator is disabled (SOE=0).
Figure 16: State machine with STROBE pin control
State 6:
Programming SOE=0 sets ROMEO2 to state 6. The circuit is in Sleep mode.
State 7:
A high level applied on STROBE sets the circuit into state 7. If an ID or its complement is detected, the state
machine advances to state 8. If not, it will stay in state 7 as long as STROBE is high.
State 8:
After ID or its complement detection, ID byte is sent to the microcontroller on MOSI line at 310kBd. This warns
the microcontroller that data are received which means that an high level has to be maintained on STROBE. At
any time a low level applied on STROBE sets the circuit into state 6.
State 7
Run mode
Waiting for ID word
State 8
Run mode
Send an ID word
ID detected
State 10
Run mode
Output data & clock
State 6
Sleep mode
STROBE=0
STROBE=0
STROBE=0
STROBE=1
SPI master
State 9
Run mode
Waiting for Header
HE=1
HE=0
Header received
STROBE=0
State 11
Run mode
Output data
EOM received
STROBE=0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com