Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 21 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 17Page - Motorola, Inc ROMEO2 Datasheet HTML 18Page - Motorola, Inc ROMEO2 Datasheet HTML 19Page - Motorola, Inc ROMEO2 Datasheet HTML 20Page - Motorola, Inc ROMEO2 Datasheet HTML 21Page - Motorola, Inc ROMEO2 Datasheet HTML 22Page - Motorola, Inc ROMEO2 Datasheet HTML 23Page - Motorola, Inc ROMEO2 Datasheet HTML 24Page - Motorola, Inc ROMEO2 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
21
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
3
IF filter, IF Amplifier, FM to AM Converter and Envelope Detector
The IF filter operates at approximately 660kHz.
2 different bandwidths are selectable by metal option eg. 300kHz and 500kHz.
3.2
IF High Cut Off Frequency
at -3dB
IF bandwidth: 500kHz
850
940
-
kHz
3.4
IF Low Cut Off Frequency
at -3dB
IF bandwidth: 500kHz
-
460
520
kHz
3.7
IF Cut Off Low Freq. at -30dB
IF bandwidth: 500kHz
-
290
-
kHz
3.8
IF Cut Off High Freq. at -30dB
-
1260
-
kHz
3.10
IF Bandwidth at -3dB
IF bandwidth: 500kHz
-
480
580
kHz
3.12
Total filter gain variation
within -3dB Bandwidth
IF bandwidth: 500kHz
-3
-
3
dB
3.13
IF Amplifier Gain
From MIXOUT to DMDAT
-
55
-
dB
3.14
IF AGC Dynamic Range
OOK modulation
-55
-
dB
3.15
IF AGC Gain Decay Rate
-
2.5
-
dB/ms
3.16
IF Amplifier AGC Settling Time
-
75
200
µs
3.17
Detector Output
Signal Amplitude
OOK modulation, measured at DMDAT
-
260
-
mVpk-pk
3.19
Carrier Deviation
FSK modulation, IF bandwidth 500kHz
±35
-
±80
kHz
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC=[4.5V;5.5V], operating temperature range TA=[-40°C;+85°C]. Values refer to
the circuit in recommended in the application schematic (see figure 17), unless otherwise specified. Typical
values reflect average measurement at VCC=5V, TA=25°C, using MC33593 (500kHz IF bandwidth).
Parameter
Test Conditions, Comments
Limits
Unit
Min.
Typ.
Max.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com