Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROMEO2 Datasheet(PDF) 19 Page - Motorola, Inc

Part # ROMEO2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ROMEO2 Datasheet(HTML) 19 Page - Motorola, Inc

Back Button ROMEO2 Datasheet HTML 15Page - Motorola, Inc ROMEO2 Datasheet HTML 16Page - Motorola, Inc ROMEO2 Datasheet HTML 17Page - Motorola, Inc ROMEO2 Datasheet HTML 18Page - Motorola, Inc ROMEO2 Datasheet HTML 19Page - Motorola, Inc ROMEO2 Datasheet HTML 20Page - Motorola, Inc ROMEO2 Datasheet HTML 21Page - Motorola, Inc ROMEO2 Datasheet HTML 22Page - Motorola, Inc ROMEO2 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
MC33593
MOTOROLA SEMICONDUCTORS PRODUCTS
19
revision 7.0, 5 February 2002
© Motorola, Inc., 2002.
2.33
Out-of-Band Jammer
desensitization for
OOK & FSK modulation
868MHz band, PG=1,
sensitivity reduced by 6dB
CW jammer at RF
±500kHz,
see note 4
-8
-
dBc
2.34
CW jammer at RF
±1MHz,
see note 4
-18
-
dBc
2.35
CW jammer at RF
±2MHz,
see note 4
-27
-
dBc
2.41 In-Band Jammer desensitization
868MHz band
sensitivity reduced by 6dB
OOK modulation,
CW jammer at RF
±50kHz, see note 4
--11
-
dBc
2.42
FSK modulation,
±35kHz deviation,
CW jammer at RF
±50kHz, see note 4
--7
-
dBc
2.45
Input Impedance: // Resistance
868MHz, level on RFIN
≤ -50dBm
-
1.1
-
k
Ω
2.48 Input Impedance: // Capacitance
868MHz band
-
1.4
-
pF
2.52
Mixer Conversion Gain
868MHz band,
from RFIN to MIXOUT
-53
-
dB
2.65
Mixer Gain Reduction
868MHz band,
when setting MG=1
-17
-
dB
2.66 Mixer Input Gain reduced by 1dB
868MHz band
-
-54
-
dBm
2.57
Mixer AGC Settling Time
RF rise time < 400ns,
10 to 90% rise time
-4
-
µs
2.58
Mixer AGC Gain Decay Rate
-
5
-
dB/ms
2.60
Local Oscillator Leakage
868MHz band,
at matching network input, see note 5
--94
-60
dBm
Note 2: OOK Sensitivity vs Temperature characteristic (shown for parameters 2.1.4 & 2.2.4)
Parameters 2.1.1 to 2.1.3 and 2.2.1 to 2.2.3 characteristics vs temperature are similar.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC=[4.5V;5.5V], operating temperature range TA=[-40°C;+85°C]. Values refer to
the circuit in recommended in the application schematic (see figure 17), unless otherwise specified. Typical
values reflect average measurement at VCC=5V, TA=25°C, using MC33593 (500kHz IF bandwidth).
Parameter
Test Conditions, Comments
Limits
Unit
Min.
Typ.
Max.
-95
-94
-93
-92
-91
-90
-89
-88
-87
-86
-85
-84
-83
-82
-81
-80
-40
-25
-10
5
20
35
50
65
80
Temperature (°C)
Typ.
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com