Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 15 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 15 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 11Page - Micro Analog systems MAS6512 Datasheet HTML 12Page - Micro Analog systems MAS6512 Datasheet HTML 13Page - Micro Analog systems MAS6512 Datasheet HTML 14Page - Micro Analog systems MAS6512 Datasheet HTML 15Page - Micro Analog systems MAS6512 Datasheet HTML 16Page - Micro Analog systems MAS6512 Datasheet HTML 17Page - Micro Analog systems MAS6512 Datasheet HTML 18Page - Micro Analog systems MAS6512 Datasheet HTML 19Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
DA6512.003
2 December, 2016
15 (32)
CONVERSION RESULT REGISTERS (EA…EBHEX)
After measuring capacitance, temperature or supply
voltage the 16-bit conversion result is stored into
two register addresses EAHEX and EBHEX. The MSB
(most significant byte) is at EAHEX and LSB (least
significant byte) at EBHEX.
EEPROM STATUS REGISTER (EC/6CHEX)
The EEPROM status register (EC/6CHEX) indicates
if the stored EEPROM byte is corrupted. The
register is updated after each EEPROM data byte
read command. See table 9 below. The ERROR bit
tells whether a data error has been detected or not.
The DED bit tells whether two or more bit errors
have been detected. The EEPROM can correct
internally only single bit errors i.e. when ERROR=1
and DED=0. The read EEPROM data byte is
corrupted if ERROR=DED=1.
Table 9. MAS6512 EEPROM status register (EC/6CHEX). Only bits (7:6) are used.
Bit Number
Bit Name
Description
Value
Function
7
ERROR
EEPROM error
detection
0
1
No errors
Error detected
6
DED
EEPROM double
error detection
0
1
No errors
2 (or more) data errors
5-0
000000
-
TRIMMING CONTROL REGISTER (ED/6DHEX)
The Trimming control register (ED/6DHEX) is used to
select between different trimming operating modes.
See table 10 showing the functions of the Trimming
control register.
After a power-up reset, master reset via XCLR or a
software reset via serial bus the Trimming control
register (ED/6DHEX) gets the value %00000000
(00HEX). This is the normal operating mode for a
trimmed MAS6512 device. In this mode the
capacitive front-end trim values to use (CS, CR and
Gain) are automatically read from the EEPROM
memory in the beginning of each conversion start.
When calibrating a sensor there is an operating
mode in which only the factory calibrated internal
oscillator (OSC) clock trim data is read from the
EEPROM memory. This mode is selected by writing
%10101010 (AAHEX) to the Trimming control
register. In this mode it is possible to run conversion
tests for different front-end trim register values
before suitable values are found and programmed
to the EEPROM.
There is also a trimming mode in which all trim data
including the internal oscillator trim data is taken
from the trim registers rather than from the
EEPROM. This mode is selected by writing
%11111111 (FFHEX) to the Trimming control
register.
Table 10. Trimming control Register (ED/6DHEX)
Bit
Number
Bit Name
Description
Value
Function
7-0
REGEE<7:0>
EEPROM control bits
00000000
10101010
11111111
OTHER
All trim data from EEPROM
(normal operating mode)
Only OSC from EEPROM
All trim data from registers
All trim data from EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com