Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 27 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 27 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 23Page - Micro Analog systems MAS6512 Datasheet HTML 24Page - Micro Analog systems MAS6512 Datasheet HTML 25Page - Micro Analog systems MAS6512 Datasheet HTML 26Page - Micro Analog systems MAS6512 Datasheet HTML 27Page - Micro Analog systems MAS6512 Datasheet HTML 28Page - Micro Analog systems MAS6512 Datasheet HTML 29Page - Micro Analog systems MAS6512 Datasheet HTML 30Page - Micro Analog systems MAS6512 Datasheet HTML 31Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
DA6512.003
2 December, 2016
27 (32)
APPLICATION INFORMATION
VDD rise time > 1ms
If the VDD rise time can exeed 1ms it is necessary to keep the MAS6512 in reset during power up using the
XCLR reset pin. Violating this may risk EEPROM memory integrity. Figures 10 a-c present examples of external
POR circuits providing reset via the XCLR pin in case the VDD rise time can exceed 1ms.
Figures 10 a, b, c. External XCLR reset circuit examples for VDD rise time >1ms
The XCLR pin has internal pull up with 8µA current which makes the pull up resistor unnecessary. In the figure
10c the external POR circuit delay can be calculated as follows.
VDD
A
C
t
POR
8
The POR delay should be made larger than the maximum VDD rise time. For example if the longest possible
VDD rise time is 50ms and VDD=2.7V then we could choose capacitor value which gives at least 100ms POR
delay; C=8µA*tPOR/VDD=8µA*100ms/2.7V=296nF which is rounded up to 330nF.
Resolution Improvement – Averaging
An averaging technique can be used to remove
conversion errors caused by noise and thus
improve measurement resolution. By doing several
A/D conversions and calculating the average result
it’s possible to average out noise. Theoretically the
noise is reduced by a factor
N
where N is the
number of averaged samples. A/D converter
nonlinearities cannot be removed by averaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com