Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems MAS6512 Datasheet HTML 10Page - Micro Analog systems MAS6512 Datasheet HTML 11Page - Micro Analog systems MAS6512 Datasheet HTML 12Page - Micro Analog systems MAS6512 Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
DA6512.003
2 December, 2016
9 (32)
REGISTER AND EEPROM DATA ADDRESSES
Table 1. Register and EEPROM data addresses
A7
A6
A5
A4
A3
A2
A1
A0
I2C
BUS
HEX
SPI BUS
HEX
W=write
R=read
Description
Note
A7
1
0
0
0
0
0
X
C0…C1
W: 40…41
R: C0…C1
EEPROM; free for any
data
E
A7
1
0
0
0
0
1
0
C2
W: 42
R: C2
Programmable I2C
Device Address
E
A7
1
0
0
0
0
1
1
C3
W: 43
R: C3
EEPROM; CS capacitor
matrix trim data
E+T
A7
1
0
0
0
1
0
0
C4
W: 44
R: C4
EEPROM; CR capacitor
matrix trim data
E+T
A7
1
0
0
0
1
0
1
C5
W: 45
R: C5
EEPROM; Gain trim
data
E+T
A7
1
0
0
0
1
1
0
C6
W: 46
R: C6
EEPROM; Oscillator
frequency trim data
E+T
A7
1
0
0
0
1
1
1
C7
W: 47
R: C7
EEPROM; free for any
data
E
A7
1
0
0
1
X
X
X
C8…CF
W: 48…4F
R: C8…CF
EEPROM; free for any
data
E
A7
1
0
1
X
X
X
X
D0…DF
W: 50…5F
R: D0…DF
EEPROM; free for any
data
E
A7
1
1
0
0
0
0
0
E0
W: 60
R: E0
Reset register; no data,
only addressed for reset
R
A7
1
1
0
0
0
0
1
E1
W: 61
R: E1
Test register
R
A7
1
1
0
0
0
1
0
E2
W: 62
R: E2
Measurement control
register
R
A7
1
1
0
0
0
1
1
E3
W: 63
R: E3
CS capacitor matrix
register
R+T
A7
1
1
0
0
1
0
0
E4
W: 64
R: E4
CR capacitor matrix
register
R+T
A7
1
1
0
0
1
0
1
E5
W: 65
R: E5
Gain register
R+T
A7
1
1
0
0
1
1
0
E6
W: 66
R: E6
Oscillator frequency
control register
R+T
A7
1
1
0
1
0
0
0
E8
W: 68
R: E8
EEPROM data input
register
R
A7
1
1
0
1
0
0
1
E9
W: 69
R: E9
EEPROM write enable
register
R
A7
1
1
0
1
0
1
0
EA
W: 6A
R: EA
1st (MSB) byte of the
conversion result
R
A7
1
1
0
1
0
1
1
EB
W: 6B
R: EB
2nd (LSB) byte of the
conversion result
R
A7
1
1
0
1
1
0
0
EC
W: 6C
R: EC
Status register for
EEPROM
R
A7
1
1
0
1
1
0
1
ED
W: 6D
R: ED
Trimming control
register
R
X = Don’t care, E = EEPROM, R= Register, T = Trim data
Note: When using the SPI serial interface the register address bit A7 is also used for selecting write (A7= 0) or read (A7=1) operation. For
the I2C interface address bit A7 = 1.
Note: The programmable I2C device address register C2HEX has been factory programmed to value EC HEX (%11101100) which is the
same as the hard wired device address of MAS6512. When unique device address is needed it can be programmed to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com