Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6512 Datasheet HTML 1Page - Micro Analog systems MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
DA6512.003
2 December, 2016
5 (32)
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 2.7 V, TA = -40°C to +85°C, typical values at TA = +27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Internal offset capacitor
matrix selection
CR_OS, CS_OS
COS_STEP
0
0.086
22
pF
Changing sensor
capacitance range in
capacitance difference
mode
CDIFF
Normal clock (SOSC=00)
Division by 2 (SOSC=01)
Division by 4 (SOSC=10)
Division by 8 (SOSC=11)
2
2
2
2
20
30
30
30
pF
Maximum allowed
sensor capacitance in
capacitance difference
mode
CS_MAX_DIFF
Normal clock (SOSC=00)
Division by 2 (SOSC=01)
Division by 4 (SOSC=10)
Division by 8 (SOSC=11)
Note 1
20
40
80
160
pF
Changing sensor
capacitance range in
capacitance ratio mode
CRATIO
Note 2
2
20
pF
Maximum allowed
sensor capacitance in
capacitance ratio mode
CS_MAX_RATIO
Note 2
20
pF
Internal temperature
sensor
Linearity
Note 3
±0.4
°C
Gain
OSR=2048
OSR=1024
OSR=512
OSR=256
65038
65002
8116
1012
LSB/
°C
Non-calibrated, note 3
-4.5
+3.5
%
Offset
Non-calibrated, note 3
-12
+17
°C
RMS temperature
resolution
Temp mode,
TEMPREGEN=1, OSR=256
0.034
°C
RMS voltage resolution
VDD level monitoring
TEMPREGEN=0
OSR=2048
OSR=1024
OSR=512
OSR=256
Note 4
72
77
82
99
VRMS
Note 1. In capacitance difference mode the maximum allowed sensor and reference capacitor values can be extended using lower external
oscillator frequency than which is available by SOSC division options; CS_MAX=20pF*200kHz/f OSC_EXT.
Note 2. In capacitance ratio mode also larger capacitances are possible depending on sensor characteristics. Please contact Micro Analog
Systems to check sensor suitability.
Note 3. Guaranteed by design. By first order calibration of offset and gain errors an overall temperature accuracy close to the linearity
accuracy can be achieved. Further accuracy can be achieved by second order calibration to reduce non-linearity errors. Minimum and
maximum values of temperature sensor gain and offset are guaranteed by design.
Note 4. In case of noisy power supply the VDD level monitoring resolution can be further limited by supply noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com