Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems MAS6512 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
DA6512.003
2 December, 2016
6 (32)
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 2.7 V, TA = -40°C to +85°C, typical values at TA = +27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
RMS capacitance
resolution @
CLIN=1.8pF
Difference mode, note 1
TEMPREGEN=0,
CLIN=1.8pF
OSR=2048
OSR=1024
OSR=512
OSR=256
16.8 (19)
16.5 (25)
15.8 (39)
15.4 (53)
bit (aF)
RMS capacitance
resolution @
CLIN=4pF
Difference mode, note 1
TEMPREGEN=0,
CLIN=4pF
OSR=2048
OSR=1024
OSR=512
OSR=256
16.9 (42)
16.1 (69)
15.7 (92)
15.1 (138)
bit (aF)
RMS capacitance
resolution @
CLIN=20pF
Difference mode, note 1
TEMPREGEN=0,
CLIN=20pF
OSR=2048
OSR=1024
OSR=512
OSR=256
16.2 (337)
15.9 (417)
15.5 (546)
14.6 (1010)
bit (aF)
RMS capacitance
resolution @
CLIN=1.8pF
Ratio mode, note 1
TEMPREGEN=0,
CLIN=1.8pF
OSR=2048
OSR=1024
OSR=512
OSR=256
14.1 (133)
13.5 (196)
13.0 (276)
12.6 (364)
bit (aF)
RMS capacitance
resolution@
CLIN=4pF
Ratio mode, note 1
TEMPREGEN=0,
CLIN=4pF
OSR=2048
OSR=1024
OSR=512
OSR=256
14.7 (193)
14.4 (227)
14.0 (296)
13.3 (495)
bit (aF)
RMS capacitance
resolution @
CLIN=20pF
Ratio mode, note 1
TEMPREGEN=0,
CLIN=20pF
OSR=2048
OSR=1024
OSR=512
OSR=256
15.7 (468)
15.6 (513)
15.2 (673)
14.6 (1004)
bit (aF)
EEPROM size
256
bit
EEPROM data
retention
TA = +85 °C
TA = +125 °C
Note 2
10
24
1
years
Note 1. Resolution in bits is calculated as follows: CN_BIT=log(CFS/CN)/log(2)= log(CODEFS/CODEN)/log(2) where CFS and CODEFS are
full scale changing capacitance (
CFS=CLIN /0.8) and code range respectively, CN and CODEN are RMS noise in capacitance and code
respectively. Note also that when calculating resolution in bits by ratio of full scale signal range and RMS noise the result can exceed the
number of bits in the ADC. In contrast when using peak to peak signal range and noise values for bit resolution calculation the maximum
possible value is the same as number of bits in the ADC.
Note 2. Data retention values apply when extended EEPROM tests are done. Please contact Micro Analog Systems Oy if the data retention
values here need to be guaranteed by comprehensive EEPROM testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com