Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 25 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 25 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 21Page - Micro Analog systems MAS6512 Datasheet HTML 22Page - Micro Analog systems MAS6512 Datasheet HTML 23Page - Micro Analog systems MAS6512 Datasheet HTML 24Page - Micro Analog systems MAS6512 Datasheet HTML 25Page - Micro Analog systems MAS6512 Datasheet HTML 26Page - Micro Analog systems MAS6512 Datasheet HTML 27Page - Micro Analog systems MAS6512 Datasheet HTML 28Page - Micro Analog systems MAS6512 Datasheet HTML 29Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DA6512.003
2 December, 2016
25 (32)
VDD LEVEL MONITORING MODE
The MAS6512 has VDD level monitoring feature to
measure supply voltage level which is useful
especially in battery operated systems. In systems
in which VDD can vary the VDD level monitoring
could
be
also
used
to
compensate
VDD
dependency.
The VDD level monitoring measurement is started
by writing configuration data to the measurement
control register (E2/62HEX). In the VDD level
monitoring mode the regulator has to be disabled
(TEMPREGEN=0)
and
VDD
level monitoring
selected (SEL=01). The ratio and difference
converter bit (XRC) selection does not have any
influence on the result.
Typically the smallest over sampling ratio (OSR)
selection 256 offers sufficient resolution for the VDD
level monitoring.
VDD level monitoring model
The VDD level monitoring model for output code is following.
 
VDD
b
a
CODEFS
CODE
The output has inverse relationship to supply voltage VDD. The OSR selects full scale output code range value
CODEFS. See Electrical Characteristics for CODEFS at different OSR values.
The typical VDD level monitoring model parameter values a and b are as follows.
a=1.6375
b=2.6942
Note that these parameter values are subject to about two percent variations.
The supply voltage VDD can be solved from the output result as follows.
CODEFS
CODE
a
b
VDD
Figure 7 presents typical output code as function of supply voltage at OSR=256 (CODEFS=888).
Figure 8 present supply voltage as function of output code at OSR=256 (CODEFS=888).
100
200
300
400
500
600
700
800
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VDD [V]
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
100
200
300
400
500
600
700
800
CODE [LSB]
Figure 7. CODE(VDD) at VDD level monitoring
Figure 8. VDD(CODE) at VDD level monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com