| Electronic Components Datasheet Search |
|
MAS6512 Datasheet(PDF) 19 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6512 Datasheet(HTML) 19 Page - Micro Analog systems |
|
19 / 32 page ![]() DA6512.003 2 December, 2016 19 (32) 2-WIRE SERIAL DATA INTERFACE (I2C BUS) Figure 4. I2C bus protocol definitions Bus communication includes Acknowledge (A) and not Acknowledge (N) messages. To send an acknowledge the receiver device pulls the SDA low for one SCL clock cycle. For not acknowledge (N) the receiver device leaves the SDA high for one SCL clock cycle in which case the master can then generate either a Stop (P) bit to abort the transfer, or a repeated Start (Sr) bit to start a new transfer. Abbreviations: A= Acknowledge by Receiver N = Not Acknowledge by Receiver S = Start Sr = Repeated Start P = Stop = from Master (MCU) to Slave (MAS6512) = from Slave (MAS6512) to Master (MCU) Conversion Starting – Write Sequence Conversion is started by writing configuration bits into the Measurement control register (address E2HEX). The write sequence is illustrated in Table 12. Table 12. MAS6512 I2C bus write sequence of Measurement control register S AW A MC A DC A P Abbreviations: AW = Device Write Address ECHEX (%1110 1100) AR = Device Read Address EDHEX (%1110 1101) MC = Meas. control register 62HEX (%0110 0010) Ax = Conversion Result Registers’ Addresses; MSB (x=M, 6AHEX %0110 1010), LSB (x=L, 6BHEX %0110 1011) DC = Measurement Control Register Data Dx = Conversion Result Register Data; MSB (x=M), LSB (x=L) Each serial bus operation, like write, starts with the start (S) bit (see figure 4). After start (S) the MAS6512 device address with write bit (AW, see table 11) is sent followed by an Acknowledge (A). After this the Measurement control register address (see table 1) is sent and followed by an Acknowledge (A). Next the Measurement control register data (DC, see table 3) is written and followed by an Acknowledge (A). Finally the serial bus operation is ended with stop (P) command (see figure 4). A new A/D conversion starts right after Measurement control register bits containing SCO=1 are received. A/D Conversion After power on reset or external reset (XCLR) the EOC output is high. After an A/D conversion is started the EOC output is set low until the conversion is finished and the EOC goes back high, indicating that the conversion is done and data is ready for reading. The EOC is set low only by starting a new conversion. To save power the internal oscillator runs only during conversion. During an A/D conversion the input signal is sampled continuously leading to an output conversion result that is a weighted average of the samples taken. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |