Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6512 Datasheet HTML 1Page - Micro Analog systems MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DA6512.003
2 December, 2016
.
1 (32)
MAS6512
Capacitive Sensor Signal Interface IC
 Single or Dual Capacitance Sensors
 Very Low Power Consumption
 1.8V Operation
 On Chip Temperature Sensor
 VDD Level Monitoring
 16-Bit Ratiometric  CDC
 EEPROM Calibration Memory
 SPI or I2C Bus with programmable
I2C device address
DESCRIPTION
MAS6512 capacitive sensor signal Interface IC can
interface both single and dual capacitance sensors.
It uses a 16-bit Capacitance-to-Digital Converter
(CDC),
which
employs
a
delta-sigma
(ΔΣ)
conversion technique. The output data from the ΔΣ-
modulator is processed by an on-chip decimator
filter, producing a high resolution conversion result.
The converter is run by an internal clock oscillator
making an external converter clock unnecessary.
The converter input range is programmable to meet
various sensor offset and changing capacitance
values. Maximum sensor capacitance is 40pF but
higher maximum value can be reached by using
slower conversion speed or scaling the signal by
using an external series capacitor.
The measurement resolution depends on the
programmed capacitance range and over sampling
ratio (OSR) selections.
MAS6512 supports two capacitance measurement
modes. The output can be proportional either to
capacitance difference (CS-CR) or to capacitance
ratio (CS-CR)/CS.
The IC is designed especially to meet the
requirement for low power consumption, thus
making it an ideal choice for battery powered
systems. Current consumption values of 24.1 µA
with high resolution or 3.3 µA with low resolution, at
a conversion rate of one conversion per second,
can be achieved.
In addition to measuring capacitance the device has
an internal temperature sensor for temperature
measurement
and
temperature
compensation
purposes. The VDD level monitoring feature is
useful especially in battery operated systems. The
256-bit EEPROM memory stores trimming and
calibration coefficients on chip.
A serial interface, compatible with a bi-directional 2-
wire I2C bus and 4-wire SPI bus, is used for
conversion setup, starting a conversion and reading
the conversion result.
FEATURES
APPLICATIONS
Sensor Offset and Gain Adjustment
Changing Capacitance Range
C 2pF…30pF
Internal Offset Capacitance Matrix 0pF…22pF
External Capacitance up to 40pF (or higher
using external clock)
Resolution 16.6 bit
Internal Clock Oscillator
On Chip Temperature Sensor -40
C...+85C
VDD Level Monitoring
Low Voltage Operation 1.8 V…3.6 V
Low Supply Current: 3.3 µA...24.1 µA
Conversion Time 5.8ms...41.6ms (24Hz...173Hz)
Internal 256-bit EEPROM Calibration Memory
Internal Clock Oscillator
I2C and SPI Compatible Serial Interface
QFN-16 Package
Capacitive Pressure Sensors
Humidity Sensors
Medical Devices
Flow Meters
Sport Watches
Altimeter and Barometer Systems
Mobile and Battery Powered Systems
Low Frequency Measurement applications
Current/Power Consumption Critical Systems
Industrial and Process Control applications in
noisy environments


Similar Part No. - MAS6512

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
More results

Similar Description - MAS6512

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
logo
ams AG
AS1716 AMSCO-AS1716 Datasheet
419Kb / 12P
Capacitive Sensor Interface
AS1716_V2 AMSCO-AS1716_V2 Datasheet
323Kb / 12P
Capacitive Sensor Interface
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
Capacitive Sensor Signal Conditioner
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
logo
Micro Analog systems
MAS6510 MAS-MAS6510 Datasheet
800Kb / 32P
Capacitive Sensor Signal Interface IC
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
Piezoresistive Sensor Signal Interface IC
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
Piezoresistive Sensor Signal Interface IC
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com