Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 32 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 32 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 24Page - Micro Analog systems MAS6512 Datasheet HTML 25Page - Micro Analog systems MAS6512 Datasheet HTML 26Page - Micro Analog systems MAS6512 Datasheet HTML 27Page - Micro Analog systems MAS6512 Datasheet HTML 28Page - Micro Analog systems MAS6512 Datasheet HTML 29Page - Micro Analog systems MAS6512 Datasheet HTML 30Page - Micro Analog systems MAS6512 Datasheet HTML 31Page - Micro Analog systems MAS6512 Datasheet HTML 32Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
DA6512.003
2 December, 2016
32 (32)
ORDERING INFORMATION
Product Code
Product
Description
MAS6512BA1WAD00
Capacitive Sensor
Signal Interface IC
EWS-tested wafer, thickness 370 µm
MAS6512BA1WAB05
Capacitive Sensor
Signal Interface IC
Dies on waffle pack, thickness 180 µm
MAS6512BA1Q1706
Capacitive Sensor
Signal Interface IC
QFN-16 4x4x0.75 Package, Pb-free, RoHS compliant,
Tape & Reel, 1000 / 3000 pcs components on reel
Contact Micro Analog Systems Oy for other wafer and die thickness options.
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kutomotie 16
FI-00380 Helsinki, FINLAND
Tel. +358 10 835 1100
Fax +358 10 835 1119
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy (MAS) reserves the right to make changes to the products contained in this data sheet in order to improve the
design or performance and to supply the best possible products. MAS assumes no responsibility for the use of any circuits shown in this data
sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and MAS makes no claim or
warranty that such applications will be suitable for the use specified without further testing or modification.
MAS products are not authorized for use in safety-critical applications (such as life support) where a failure of the MAS product would
reasonably be expected to cause severe personal injury or death. Buyers represent that they have all necessary expertise in the safety and
regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-
related requirements concerning their products and any use of MAS products in such safety-critical applications, notwithstanding any
applications-related information or support that may be provided by MAS. Further, Buyers must fully indemnify MAS and its representatives
against any damages arising out of the use of MAS products in such safety-critical applications.
MAS products are neither designed nor intended for use in military/aerospace applications or environments. Buyers acknowledge and agree
that any such use of MAS products which MAS has not designated as military-grade is solely at the Buyer's risk, and that they are solely
responsible for compliance with all legal and regulatory requirements in connection with such use.
MAS products are neither designed nor intended for use in automotive applications or environments. Buyers acknowledge and agree that, if
they use any non-designated products in automotive applications, MAS will not be responsible for any failure to meet such requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com