Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems MAS6512 Datasheet HTML 10Page - Micro Analog systems MAS6512 Datasheet HTML 11Page - Micro Analog systems MAS6512 Datasheet HTML 12Page - Micro Analog systems MAS6512 Datasheet HTML 13Page - Micro Analog systems MAS6512 Datasheet HTML 14Page - Micro Analog systems MAS6512 Datasheet HTML 15Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DA6512.003
2 December, 2016
11 (32)
RESET REGISTER (E0/60HEX)
This register is used to reset all control registers
(addresses E1H…EEH) to a zero value. There are
no data bits in this register. However it is necessary
to write dummy data to this register to make a reset.
The reset will take place immediately after any data
has been written to the address E0/60HEX via the
I2C or SPI interface.
TEST REGISTER (E1/61HEX)
In normal operation the Test register value is 00HEX
and the internal clock oscillator frequency 200 kHz
is used for all the measurements.
FOSC can be used to force the internal oscillator to
be on all the time. This is for internal oscillator
trimming purpose only. Normally (FOSC=0) the
internal oscillator is turned on only during the
measurements to save power and the OSC pin
output is at logic low. To get the internal 200 kHz
clock signal out from OSC pin it is necessary to set
FOSC=1.
The SEL_EXTCLK bit selects between internal
clock oscillator (OSC pin as digital output) and
external clock signal (OSC pin as digital input).
External clock selection may come necessary if the
sensor capacitance is too high to be used with the
internal 200 kHz or divided clock frequency options
(see SOSC bits in table 2). The maximum external
clock frequency depends on maximum sensor
capacitance; fEXT=200kHz*20pF/CS_MAX. Note that if
SEL_EXTCLK=1 is selected the internal oscillator is
disabled and OSC pin acts as digital input despite of
FOSC selection.
The STEST bits are used for connecting different
internal signals to the TEST1 and TEST2 pins. In
STEST=101 test setup TEST1 and TEST2 operate
as positive and negative voltage inputs respectively
which are connected to the differential input of the
ΔΣ-ADC.
By setting the SOSC bit it is possible to optionally
divide the internal system clock frequency by 2, 4 or
8. The undivided 200 kHz system clock frequency
allows measuring capacitances up to around 20pF
but
with
the
maximum
division
option
8
capacitances up to 160pF. However note that only
sensor base capacitance scales up this much by
clock frequency but the maximum changing
capacitance range is smaller (see ELECTRICAL
CHARACTERISTICS tables).
Note that the frequency division selection SOSC
does not apply to OSC pin clock signals. The
internal 200 kHz clock signal from OSC pin and the
external clock signal applied to OSC pin are not
affected by the SOSC divider options.
Table 2. MAS6512 test register (E1/61HEX) description
Bit
Number
Bit Name
Description
Value
Function
7
-
Not used
X
-
6
FOSC
Forces the oscillator on
without conversion
0
1
OSC is on only during conversion
OSC is forced on
5
SEL_EXTCLK
Selects external clock
0
1
Internal clock, OSC output (default)
An external clock (OSC input)
can be connected to OSC and the
internal oscillator is disabled
4-2
STEST
TEST1 and TEST2
signal selection
000…100
101
110…111
Reserved for internal testing purpose
(TEST1 and TEST2 are outputs)
TEST1 and TEST2 as inputs
No function
1-0
SOSC
Select system clock
frequency
00
01
10
11
f SYS_CLK = 200 kHz
f SYS_CLK = 100 kHz (div by 2)
f SYS_CLK = 50 kHz (div by 4)
f SYS_CLK = 25 kHz (div by 8)
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com