Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 24 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 24 Page - Micro Analog systems

Back Button MAS6512 Datasheet HTML 20Page - Micro Analog systems MAS6512 Datasheet HTML 21Page - Micro Analog systems MAS6512 Datasheet HTML 22Page - Micro Analog systems MAS6512 Datasheet HTML 23Page - Micro Analog systems MAS6512 Datasheet HTML 24Page - Micro Analog systems MAS6512 Datasheet HTML 25Page - Micro Analog systems MAS6512 Datasheet HTML 26Page - Micro Analog systems MAS6512 Datasheet HTML 27Page - Micro Analog systems MAS6512 Datasheet HTML 28Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
DA6512.003
2 December, 2016
24 (32)
TEMPERATURE MODE
The MAS6512 has an internal temperature sensor
for temperature measurement. The temperature
sensor
output
is
proportional
to
absolute
temperature (PTAT). The temperature information
is
needed
for
temperature
indication
and
temperature compensation.
The temperature measurement is started by writing
configuration data to the measurement control
register
(E2/62HEX).
In
the
temperature
measurement the internal regulator has to be
enabled
(TEMPREGEN=1)
and
the
internal
temperature sensor selected (SEL=10). The ratio
and difference converter bit (XRC) selection does
not have any influence on the result. Typically
already the smallest over sampling ratio (OSR)
selection 256 offers sufficient resolution for the
temperature measurement.
The internal temperature sensor has offset and gain
variation but small non-linearity (see Electrical
Characteristics table). Depending on temperature
measurement accuracy requirement the offset, the
gain and the non-linearity all can be compensated
by external calculations. In low precision the offset
and gain calibration is sufficient but in high precision
the second order non-linearity calibration can be
included.
Linear temperature sensor model
The linear temperature measurement model for output code is following.
REF
T
T
b
a
CODEFS
CODE
The OSR selects full scale output code range value CODEFS. See Electrical Characteristics for CODEFSDIFF at
different OSR values. If the temperature T is presented in °C and referenced to TREF=0°C then the typical
linearized temperature sensor model parameter values a and b are as follows.
a=0.38944
b=4.4329e-3
However it should be noted that the sensor has significant offset (parameter a) variation and also the gain
(parameter b) has some variation and that the above values represent only typical values. The non-linearity
temperature error after offset and gain calibration (best fit line) is typically <±0.5°C in the temperature range -
40°C…+85°C.
2nd order temperature sensor model
For higher precision the 2nd order temperature measurement model for output code is following
2
REF
REF
T
T
c
T
T
b
a
CODEFS
CODE
If the temperature T is presented in °C and referenced to TREF=0°C then the typical 2nd order temperature sensor
model parameter values a, b and c are as follows.
a=0.38826
b=4.3967e-3
c=8.1098e-7
Above sensor model parameters are typical values which are subject to variations. The temperature error after
offset, gain and 2nd order non-linearity calibration is typically <±0.1°C in the temperature range -40°C…+85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com