Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6512 Datasheet HTML 1Page - Micro Analog systems MAS6512 Datasheet HTML 2Page - Micro Analog systems MAS6512 Datasheet HTML 3Page - Micro Analog systems MAS6512 Datasheet HTML 4Page - Micro Analog systems MAS6512 Datasheet HTML 5Page - Micro Analog systems MAS6512 Datasheet HTML 6Page - Micro Analog systems MAS6512 Datasheet HTML 7Page - Micro Analog systems MAS6512 Datasheet HTML 8Page - Micro Analog systems MAS6512 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DA6512.003
2 December, 2016
4 (32)
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 2.7 V, TA = -40°C to +85°C, typical values at TA = +27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Internal regulator voltage
VREG
Temp mode regulator enabled
Note 1.
1.75
1.8
1.85
V
Standby current
ISTBY
All inputs at VDD, no load
Note 2
0.01
0.3
A
Conversion current
consumption
IDD_CONV
During conversion
Cap. Dif. Reg OFF
Cap. Ratio Reg OFF
Temp Reg ON
VDD Mon. Reg OFF
Note 3
580
510
455
455
850
750
700
700
A
Average current
consumption
IDD_AVG
1 conversion/s,
fSYS_CLK=200kHz (SOSC=00)
Cap. Dif. Reg OFF
OSR=2048
OSR=1024
OSR=512
OSR=256
Note 4
24.1
12.2
6.3
3.3
35.4
18.0
9.2
4.9
A
VDD rise time for proper
power on reset (POR)
tVDD_RISE
Note 5
1
ms
Internal system clock
oscillator frequency
Internal system clock
oscillator frequency
fSYS_CLK
Normal clock (SOSC=00)
Division by 2 (SOSC=01)
Division by 4 (SOSC=10)
Division by 8 (SOSC=11)
TEMPREGEN=0, Note 6
180
200
100
50
25
210
kHz
Normal clock (SOSC=00)
TEMPREGEN=1, Note 6
160
180
200
kHz
Sensor excitation
frequency
MCLK
Normal clock (SOSC=00)
Division by 2 (SOSC=01)
Division by 4 (SOSC=10)
Division by 8 (SOSC=11)
TEMPREGEN=0
45
50
25
12.5
6.25
52.5
kHz
Capacitance and VDD
monitoring conversion
time
tCONVCV
Normal clock (SOSC=00)
OSR=2048
OSR=1024
OSR=512
OSR=256
TEMPREGEN=0
41.6
21.1
10.9
5.8
46.2
23.5
12.1
6.4
ms
Temperature conversion
Time
tCONVT
Normal clock (SOSC=00)
OSR=2048
OSR=1024
OSR=512
OSR=256
TEMPREGEN=1
46.2
23.5
12.1
6.4
52.0
26.4
13.6
7.2
ms
Note 1. Internal regulator must to be enabled only in temperature mode and should be disabled in capacitance and VDD monitoring modes.
Note 2. Leakage current may increase if digital input voltages are not close to VDD (logic level high) or GND (logic level low). Also setting
XCS low activates the EEPROM memory regardless of the XSPI setting and the device consumes 20
A …30A current. To minimize
current consumption XCS should be set low only during time periods when the device is used during SPI communication.
Note 3. Conversion current consumption values are measured using CS=CR=7.33pF (CS and CR capacitor matrix registers E3/63HEX and
E4/64HEX have value 55HEX)
Note 4. Average current consumption in other measurement modes can be calculated by scaling these current consumption values with
corresponding conversion current ratios. Example: IDD_AVG(Temp Reg ON, OSR=256)=3.3A*(455A /580A)=2.6A.
Note 5. It is also recommended to reset the device manually either by XCLR pin or using reset register after every power up (VDD rise). In
case the VDD rise time is longer than specified here the device has to be kept in a reset during power up by the XCLR pin (XCLR=low).
Violating this may risk EEPROM memory integrity. See APPLICATION INFORMATION for examples of external POR circuits.
Note 6. The clock oscillator is factory calibrated. Calibration stored in the Oscillator frequency trim data EEPROM address (C6/46HEX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com