Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 30 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 30 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 34Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
FS970X
Rev. 4.4
30/46
AGND
OSR
2.4 V
2 k
VRH
VRL
INH
INL
R
X
0
 ~ 500 
R
REF
1 k
AGND
OSR
1.2 V
2 k
VRH
VRL
INH
INL
R
X
0
 ~ 5 M
R
REF
10 M
AGND
OSR
1.2 V
2 k
VRH
VRL
INH
INL
R
X
0
 ~ 5 k
R
REF
10 k
AGND
OSR
1.2V
2 k
VRH
VRL
INH
INL
R
X
0
 ~ 50 k
R
REF
100 k
AGND
OSR
1.2 V
2 k
VRH
VRL
INH
INL
R
X
0
 ~ 500 k
R
REF
1 M
(a)
(b)
(c)
(d)
(e)
AGND
OSR
1.2 V
2 k
VRH
VRL
INH
INL
R
X
0
 ~ 50 M
R
REF
10 M
(f)
VRH - VRL =
0.8 V ~ 0.686 V
INH - INL =
0 V ~ 0.343 V
VRH - VRL =
1.0 V ~ 0.706 V
INH - INL =
0 V ~ 0.353 V
INH - INL =
0 V ~ 0.395 V
VRH - VRL =
1.176 V ~ 0.789 V
VRH - VRL =
1.198 V ~ 0.799 V
INH - INL =
0 V ~ 0.399 V
VRH - VRL =
1.20 V ~ 0.80 V
INH - INL =
0 V ~ 0.40 V
VRH - VRL =
1.20 V ~ 0.20 V
INH - INL =
0 V ~ 1.00 V
Graph 14. The converting voltage range of scale-type resistor measurement.
The 1
st condition is low resistance under 5 k
.
The
os
D
can be obtained by setting the reference voltage
equivalent to 0.8 V. The 0.8 V can be generated by the fixed voltage generator in the chip. (as shown in Chart
7), through ACBUF output, connecting to AX3 and then into VRH. Or obtained through ACBUF, connecting
to AX5, through Ωpower supply, and returning to VRH.
The 2
nd condition is middle resistance between 50 k
 ~ 5 M.
The
os
D
can be obtained by setting the
reference voltage equivalent to 1.0 V. Under this condition, the
os
D
value, just like the other measuring
os
D
value, can be processed by the same parameter.
The 3
rd condition is high resistance – 50 M
.
Because the various range of the reference voltage is too
great, the value of
os
D
can be easily use an approximate number. Therefore it can be obtained by reducing
the Bargrapg display speed and using the reading of the high resolution output, or reduce the digit of the
Bargraph to 10 or 20 digit.
By using the method illustrated in this section to set the reference voltage between 0.8 V and 1.0V when cut in
the resistor file and calibrate the
os
D
of under 5 k and 50 k ~ 5 M respectively. According to different
measurement range to select different
os
D
. Then using the calculation shown in 8.5.2, we can complete the
calculation of 50 digit of fast Bargraph display.
The Conversion of Digital Output & Equivalent Voltage
Take the high resolution digital output of FS970X, the output, SUM1<23:0>, is the compensation value of
2/24bits. Whereas, SUM1<23> is the symbol bit – “0” = positive, and “1” = negative. The floating point locates
between SUM1<22> and SUM1<21>.
Assuming SUM1<23:0>=0010_1000_0000_0000_0000_0000, the equivalent floating point calculation is:
Formula 10
625
.
0
125
.
0
5
.
0
2
0
......
2
0
2
0
2
1
2
0
2
1
0000
_
0000
_
0000
_
0000
_
1000
_
10
.
00
1
SUM
22
5
4
3
2
1
Assuming SUM1<23:0>=1101_1111_1111_1111_1111_1111, the equivalent floating point calculation is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com