Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 31 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 31 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 35Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
FS970X
Rev. 4.4
31/46
Formula 11
5000002384
.
0
2
1
......
2
0
2
0
2
0
2
1
(
)
0001
_
0000
_
0000
_
0000
_
0000
_
10
.
00
(
1111
_
1111
_
1111
_
1111
_
1111
_
01
.
11
1
22
4
3
2
1
SUM
As shown in Formula 3, when the gain
'
G
equals the ideal value 1, the reference voltage
ref
V
equals
1.00000V. From the reading of ADC 0010_1000_0000_0000_0000_000, the voltage can be calculated as:
V
62500
.
0
625
.
0
1
V
00000
.
1
'
x
ref
x
D
G
V
v
.
When the reading of ADC is 1101_1111_1111_1111_1111_1111, the voltage can be calculated as:
V
50000
.
0
5000002384
.
0
1
V
00000
.
1
'
x
ref
x
D
G
V
v
.
However, in reality, the
'
G
value affected by the drifting of the process, will not equal to 1.It will vary approx.
%
1
. At the same time, the reference voltage
ref
V
, affected by the reference power and dividing resistance,
will not equal to 1.00000V. Therefore, the gain variances from the components have to be calibrated.
The different output code of different models
FS970X chip series has three models with different resolution, 5,000 digits, 20,000 digits, and 50,000 digits.
The digit output codes are as follows:
In the 5,000 digits or 50,000 digits models, when the absolute value of SUM1, and the SUM1<21:18> is greater
than 1010, then, the SUM1<21:18>will saturate to 1111. And the equivalent voltage of SUM1<21:18>=1010 will
be approx. 0.625V.
In the 20,000 model, when the absolute value of SUM1, and the SUM1<21:18> is greater than 0101, then, the
SUM1<21:18>will saturate to 1111. And the equivalent voltage of SUM1<21:18>=1010 will be approx. 0.3125V.
In the 5,000 digit model, the digital output of SUM1<5:1> is a constant 00000.
Other Control setting
ENAD(ADG<7>) is the enabling signal of ADC. It turns on the ADC when value =1, and turns
off the ADC when value=0. It saves the power consumption setting the value to 0.
12. Digital Signal Process
Except digital filter, the digital signal process of FS970X includes frequency counter and peak-hold sampling
process.
Frequency counter
The frequency counter of FS970X is composed of time-based counter and signal counter. The physical value
of the target can be calculated from these two counters. The physical values of the target have signal frequency
and duty cycle. It is determined by the DTON. It performs the frequency counter when setting it as “Lo” and
performs duty cycle measurement when setting to as “Hi”.
When performing the frequency counter measurement, it needs the reference time pulse signal FTB, as shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com