Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 41 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 41 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 41Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 42Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 43Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 44Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 45Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
FS970X
Rev. 4.4
41/46
AC Current (ACA)
90K
ACDIV
ACEN
10K
AGND
CMPEN1
ACDIVB
10uF
ACBUF
CMP1
AGND
COMMON
10K
0.99
0.01
uA
10A
mA+uA
99
mA
AGND
SGND
SA
1M
27nF
INH
INL
FTR
FTR
BPFTR
ADIMUX
ADIMUX
FTB
FTC
FTA
OFF CHIP
ON CHIP
OFF CHIP
FREQ
CMPMUX
RCTOP
2k
RCTEN
ACH
ACL
SGND
ACH
AGND
100
K
47 nF
ACL
38
37
40
39
42
43
36
35
41
23
24
17
29
25
Graph 22. Function network diagram of AC current.
Address
00
01
02
03
04
05
06
07
08
Register
RDG
SIN
SRF
SCP
AFT
ADG
SETADC MISC1 MISC2
5000uA, 500mA, 10A
00h
5Bh
08h
20h
D0h
93h
9Fh
00h
00h
500uA, 5mA, 5A
00h
5Bh
08h
20h
F0h
93h
9Fh
00h
00h
Chart 28. AC current register setup.
As shown in Graph, the measuring path of AC current, up to the output of AC buffer, is the same as DC current.
After going through AC buffer, the signal will flow through AC/DC converter or true mean square converter to
convert AC signal into DC signal before flow into ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com