Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 17 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 17 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 21Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
FS970X
Rev. 4.4
17/46
Function Decoder
Function decoder includes two set of input – MODE and RANGE. RANGE controls area network switch to
determine measurement range, and MODE controls the function network signal to determine measurement
mode.
As shown in Chart 5, the setup of register MODE3:0 (represents MODE<3:0>) can decode the control signals
such as cap. Sdt. Vsr. Cntd and endvo. It also controls the measurement mode and operation status of
function network.
When High Bandwidth AC is capable of processing AC signal more than 1 MHz, SDV can be the direct output
of SDV. Refer to section 7.5.1 for details.
Measurement Mode
MODE3:0 cap sdt vsr cntd endvo
DCmV, DCV, ACV, and PKH
0000
0
0
0
0
0
DIODE
0001
0
1
0
0
0
High Bandwidth AC
0011
0
0
1
0
1
Resistor x, Continuity
100x
0
0
1
1
0
Capacitor x
101x
1
0
1
0
0
Chart 5
Control of Measurement mode .
As shown in Chart 6, area network switch is controlled by both MODE3:0 and RANGE3:0. The four bits in
RANGE directly controls network resistor path: 1k
path of 10M
d by
Formula 2
e a b c d f
    
Under Range Divider mode, area network becomes decay network. It controls area network on/off status to
determine different measurement range according to the setup of RANGE3:0. Under Resistor mode, area
network will become the reference resistor initiated by appropriate returned Ω supply. It selects different
reference resistor to determine different measurement range according to the setup of RANGE3:0. Resistor I or
II represent respectively whether reference resistor is parallel with the 10 M resistor. Under Capacitor mode,
area network becomes charge/discharge resistor with power supply. Capacitor I or II also represent whether
charge/discharge resistor is parallel with 10 M resistor.
Range Mode
MODE3:0 RANGE3:0 onek2:0 tenk2:0 hunk2:0 onem2:0 tenm1:0
Range Divider
00xx
abcd
0aa
0bb
0cc
0dd
0e
Resistor I
1000
abcd
aaa
Bbb
ccc
ddd
f1
Resistor II
1001
abcd
aaa
Bbb
ccc
ddd
ff
Capacitor I
1010
abcd
aaa
Bbb
ccc
ddd
f1
Capacitor II
1011
abcd
aaa
Bbb
ccc
ddd
ff
Chart 6
Decay network switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com