Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 18Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
FS970X
Rev. 4.4
14/46
9.
Clock and Buzzer Generator
Clock Generator
4.0000 MHz
FS
FS
F
TB
1/FS
1/FTB
ENOSCO_
ENXTL_
FTB
TBDIV
FSDIV
Buzzer
VBAT
ENBP
CNTBP
FBP
CLK
DIVIDER
OSCO
2
XTALI
3
XTALO
4
BZR
58
OSCO
Graph 4 Clock Generator.
Clock generator is shown in Graph 4. It can be connected to a 4.000 MHz crystal oscillator to produce 4.000
MHz clock frequency. It can then be divided to FS, FTB, and FBP frequencies by a divider. Among these, FS is
used by ADC. (please refer to 8.4 for details.) FTB is used by digital circuits, such as the reference frequency of
frequency counter (please refer to section 9.1). FBP is used by buzzer to initiate buzzing.
FTB and FS are respectively controlled by ENXTAL_. TBDIV and FSDIV. The true value Chart is shown in
Chart 3:
ENXTAL_ TBDIV
FTB
FSDIV
FS
L
L
1.0000 MHz
L
166.67 kHz
L
L
1.0000 MHz
H
83.33 kHz
L
H
125.0 kHz
L
166.67 kHz
L
H
125.0 kHz
H
83.33 kHz
H
X
0, (L)
X
0, (L)
Chart 3. FTB / FS generator true value Chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com