Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 42 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 42 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 41Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 42Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 43Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 44Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 45Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 46Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
FS970X
Rev. 4.4
42/46
Resistor ()
ON CHIP
OFF CHIP
OSRC
Rx
COMMON
10K
XOHM
TENM
10M
1M
 or 100K or 10K or 1K
PTC
FUSE
VOLT+OHM+
DT+CAP
OSR
OSR
OSREN
AGND
SGND
XOHM<1>
OSRC
XOHM<0>
TENM<0>
1M
SDB
909K
SMV
DCmV+OHM+CAP
+DT+HFE+PKH
EXCEPT CAP
AGND
OHM+CAP
+HFE+CALR
DCV+OHM
+CAP+HFE+PKH
220pF
INL
INH
VRL
VRH
XOHM<2>
28
25
30
19~22
18
CPN
27nF
CPN<0>
AGND
CPN<1>
16
Graph
23. Function network diagram of resistor.
Address
00
01
02
03
04
05
06
07
08
Register
RDG
SIN
SRF
SCP
AFT
ADG
SETADC MISC1 MISC2
Value
89h
00h
Dah
00h
00h
93h
1Fh
00h
00h
Chart 29. Resistor register setup.
The setup of RGD<7:4>, SRF<7:0>, ADG<7:0>, and MISC1<7:0> varies with different functions. See below for
details.
Address
Register
500
5K
50K
500K
5M
40M
00
RGD<7:0>
89h
49h
29h
19h
09h
09h
02
SRF<7:0>
Dah
4Ah
4Ah
4Ah
4Ah
4Ah
05
ADG<7:0>
93h
93h
93h
93h
93h
98H
07
MISC1<7:0>
00h
00h
00h
00h
40h
40h
Chart 30. Resistor range setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com