Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 40 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 40 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 41Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 42Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 43Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 44Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
FS970X
Rev. 4.4
40/46
COMMON
10K
0.99
0.01
uA
10A
mA+uA
99
mA
AGND
SGND
SA
1M
27nF
INH
INL
FTR
FTR
BPFTR
ADIMUX
ADIMUX
FTB
FTC
FTA
OFF CHIP
ON CHIP
OFF CHIP
30K
ACDIV
ACEN
60K
10K
AGND
ACDIVB
ACBUF
CMPMUX
29
26
23
24
17
38
37
Graph 21.
Function network diagram of DC current.
Address
00
01
02
03
04
05
06
07
08
Register
RDG
SIN
SRF
SCP
AFT
ADG
SETADC MISC1 MISC2
5000uA, 500mA, 10A
00h
80h
08h
20h
10h
93h
9Fh
00h
80h
500uA, 5mA, 5A
00h
80h
08h
20h
30h
93h
9Fh
00h
80h
Chart 27. DC current register setup.
AS shown in Graph , and assuming the transferring resistor to be approx. 100, the transferring voltage will be
0.5V under 5.0000 mA. It will then flow into ADC through the ACBUF buffer of 1 (ACDIV=AFT<5>=0). Under
50.000 mA, when using the transferring resistor of 100, the transferring voltage of 5V will be too high. If
using 1, the transferring voltage will be 50mV, and the gain of ACBUF will be 10 (ACDIV=AFT<5>=1). Amplify
the signal 10-times before feeding it into ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com