Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 38 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 38 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 41Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 42Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
FS970X
Rev. 4.4
38/46
DC voltage
Vx
TENM
10M
DCV
R
FUSE+PTC
1M
 or 100K or 10K or 1K
XOHM
COMMON
10K
AGND
SGND
DCV
XOHM
XOHM
TENM<0>
1M
27nF
to INH
to INL
FTR
FTR
BPFTR
ADIMUX
ADIMUX
FTB
FTA
FTC
OFF CHIP
ON CHIP
OFF CHIP
ACBUF
ACDIV
ACEN
90 k
10 k
AGND
38
37
CMPHMUX
ADIMUX
23
24
17
18
19~22
25
Graph 19. Function network diagram of DC voltage.
Address
00
01
02
03
04
05
06
07
08
Register
RDG
SIN
SRF
SCP
AFT
ADG
SETADC MISC1 MISC2
0.5 V
10
80
08h
00h
30h
93h
9Fh
00h
80h
5V~1000V
x0h
10h
08h
00h
00h
93h
9Fh
00h
00h
Chart 24. DC voltage register setup.
Whereas, the value of RGD<7:4> is determined by function, as shown in Chart .
Address
Register
0.5V~5V
50V
500V
1000V
00
RGD<7:0>
10h
20h
40h
80h
Chart 25. Voltage range setup
The voltage signal will decay to be lower than 0.5V by a suitable multiple of decay network. It will go through a
pre-filter, and then into ADC. Only the signal of 0.5V, decayed 10-times, will amplify 10-times before flow into
ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com