Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 46 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 46 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 41Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 42Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 43Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 44Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 45Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 46Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
FS970X
Rev. 4.4
46/46
16. Attachment (1) OP-AMP Specifications
(VDD = 6V, VSS = 0V, TA=+25℃, unless otherwise indicated)
Instrumentation Amplifier @ Gain = 30, Vref=0.5V, TA=25℃
PARAMETER
TEST CONTITIONS
MIN.
TYP.
MAX.
UNITS
Input Offset Voltage without AZ
20
Input Offset Voltage with AZ
0
3
Input Offset Drift without AZ
-20℃<TA<+50℃
200
nV/℃
Input Offset Drift with AZ
-20℃<TA<+50℃
20
nV/℃
Input Referred Noise
0.3
0.6
Input Bias Current
[2]
100
300
pA
Current Consumption
180
220
[1] These parameters are guaranteed by design and are tested only by sampling while mass production.
[2] While a voltage source with large output impedance is measured by an instrument-ation amplifier having
input bias current, an additional input offset voltage will introduced. However, this offset voltage could be
cancelled by mirrored offset cancellation technique.
17. Revision History
Ver.
Date
Page
Description
3.9
2004/01/28
12
Revise typical application circuit
4.0
2004/04/23
5
1. Revise datasheet format
2. Add ordering information
4.1
2006/12/21
All
17
1. Revise datasheet format
2. Add revision history
4.2
2007/02/28
6
Add Pb free ordering information
4.3
2010/02/23
6
Revise Green ordering information
4.4
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com