Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 16Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
FS970X
Rev. 4.4
12/46
Low Voltage Detector
360K
303K
LBS
CMP
AGND
LBO
ENLBS
BATTER
Y
9V
VSSD
VBAT
Graph 2
Low Voltage Detector
Low voltage detector is shown as Graph 2. After the voltage of VBAT is divided as LBS by resistor, it will flow
into low voltage detector. The output of the detector is LBO, used to judge whether the battery voltage VBAT is
lower than 6.8V. If it’s lower than 6.8V, the output is “Hi”, me
aning that it needs a battery change. Before
reading LBO, set ENLBS to “Hi”. After approx. 0.1 ms, pull it back to “L” to read LBO.
The voltage of LBS can flow into ADC, controlled by ADC multiplexers. It can also be directly measured by ADC.
The battery voltage is calculated as Formula 1.
Formula 1 .....................................................
LBS
BAT
V
V
8
17
Under saving mode, setting ENGNDR_ (MISC2<1>) to “H” will turn off GNDR in order to save power
consumption.
Saving Mode
In FS970X, all the power-consumption related circuits, except for VCCR generator, can be turned off by
FS970X registers to save power. The power-consumption related control signals and components are shown in
Chart 2.
If all of the FS970X components are turned off, only VCCR regulator will still be running. This keeps the chip
power consumption under 10 uA.
According to the setup in Chart 2, the power consumption of VDDA may drift. Therefore, aside from the setup
procedures in Chart 2, the supply of VDDA should come from VDDS considering the saving mode. By doing
so, S81250 will be the only component that consumes power under saving mode.
Register
Control circuit
Saving mode value
Related power
consumption circuit
RGD>3:0>
MODE<3:0>
000x
Fixed voltage generator
SRF<7:6>
SOSR<1:0>
00
Ohm power supply
SCP<0>
CMPEN1
0
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com