Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 27 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 27 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 31Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
FS970X
Rev. 4.4
27/46
There are two this kind of programmable digital filters in
FS970X, namely, COMB1 and COMB2. Their output is
SUM1 and SUM2 respectively. The number of COMB1is
higher, often used to measure high resolution. And the
number of COMB2 is lower; its high-speed, low-resolution
output can be used on peak-hold sampling and analog bar
graph.
The numbers of COMB1 and COMB2 are both
programmable. They can be set by TPS1 and TPS2
respectively, as shown in Chart 16. Taking the sampling
frequency of 166.7 kHz as an example, the location of the
first zero-point is calculated as Chart 17.
The actual resolution of each status is defined by the actual
measurement.
COMB1(TPS1)
COMB2(TPS2)
TPSX<1:0> Number(N) 1st 0-point frequency
(
Hz)
Number(N) 1st 0-point frequency
(
Hz)
11
16384
10.17
256
651.17
10
8192
20.34
128
1302.34
01
4096
40.68
64
2604.68
00
2048
81.40
32
5209.38
Chart
16. Digital Filter number setup and 1
st zero-point location(F
S=166.7 kHz).
Because of the delay of the digital filter, the bandwidth of the signal pulse needs to be greater than four-times
output period of the input signal of ADC. For example, when set TPS2 to 00, the output period of COMB2 will
be:
Formula 10......................................................
us
192
sec
5209
1
.
Therefore, the pulse bandwidth of the input signal must be greater than
ms
769
.
0
us
192
4
so that the
value can be effectively converted by ADC. When the sampling frequency (FS) is 166.7 kHz, the output reading
of SUM2 from COMB2 can detect to the smallest pulse bandwidth and TPS2, as shown in Chart 17.
TPS2<1:0>
00
01
10
11
Output frequency
5.2 kHz
2.6 kHz
1.3 kHz
0.65 kHz
Detectable smallest pulse bandwidth
0.769 ms
1.53 ms
3.06 ms
6.12 ms
Chart 17. The relationship between detectable smallest pulse bandwidth and TPS2.
10
0
10
1
10
2
-160
-140
-120
-100
-80
-60
-40
-20
0
Hz
Graph 12、Digital filter frequency response of 970x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com