Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9701B Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 32Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
FS970X
Rev. 4.4
28/46
Reading and operation of ADC
As described in 8.2, the circuitry of FS970X ADC might drift and causes an offset voltage because of
manufacturing process. This might cause variance to the reading of ADC. To eliminate the offset variance, it’s
necessary to change the setup CYS<1:0> of register SETADC. There are three different working modes.
These modes influence the reading and operation of high-resolution and low-resolution. They are described as
below:
11..1
High-resolution, low-speed output
When CYS<1:0>=00, the input of ADC becomes short; then, we can read the negative value of offset voltage of
ADC from SUM1.
When CYS<1:0>=11, the equivalent digit value of the voltage can be read from SUM1, as shown in Formula 5.
When CYS<1:0>=01, then, the reading value of SUM1 is equal to the ideal reading of linear ADC of the voltage.
Its transfer function is shown as Formula 3. It can be used for all the measurement for high resolution.
When CYS<1:0>01, the output frequency of SUM1is the first zero-point frequency
1
Z
f
of COMB1, as shown
in Formula 9. When CYS<1:0> =01, the output frequency equals
2
1
Z
f
.
11..2
Low-resolution, high-speed output
When CYS<1:0>=00, the input of ADC becomes short; then, we can read the negative value of offset voltage of
ADC from SUM2. It can be used
os
D
self-calibration.
When CYS<1:0>=11, the equivalent digit value of the voltage can be read from SUM2, as shown in Formula 5.
It can be used for peak-hold sampling measurement.
When CYS<1:0>=01, the transfer function of low resolution output SUM2 should become (a revision from
Formula 5)
Formula 9...........................
0
2
0
2
2
'
'
SUM
V
v
G
D
SUM
D
V
v
G
SUM
ref
x
os
os
ref
x
The value of
os
D
can be read from SUM2 when power-on or turning the rotary, set CYS<1:0>=00. Therefore,
the flow-Chart of operation and display of fast ADC output is shown as Graph 13. Whereas,
x
D
is the ideal
ADC values of non-offset voltage, calculated from SUM2. It can be used for Bargraph display of all kinds of high
resolution measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com