Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 29 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 29 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 33Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
FS9912
Rev. 3.6
29/34
CLRWDT instruction will reset WDT Counter 2
WTS [2:0] selects WDT Counter 2 and the code selections are as follows, 000: WDTA [0], 001: WDTA [1],
010: WDTA [2], 011: WDTA [3], 100: WDTA [4], 101: WDTA [5], 110: WDTA [6], 111: WDTA [7].
11.12 Special Register External Reset (Power On Reset) and WDT Reset State
Register Name
FSR0
FSR1
STATUS
WORK
INTF
INTE
Address
02h
03h
04h
05h
06h
07h
External reset
uuuuuuuu
uuuuuuuu
00000000
uuuuuuuu
00000000
00000000
WDT reset
uuuuuuuu
uuuuuuuu
uuuu1uuu
uuuuuuuu
00000000
00000000
Register Name
PT1
PT1EN
PT1PU
PT1MR
PT2
PT2EN
Address
20h
21h
22h
23h
24h
25h
External reset
00000000
00000000
00000000
00000000
00000000
00000000
WDT reset
uuuuuuuu
uuuuuuuu
uuuu1uuu
uuuuuuuu
uuuuuuuu
uuuuuuuu
Register Name
PT2PU
PT2MR
TMOUT
TMCON
NETA
NETB
Address
26h
27h
0Ch
0Dh
29h
2Ah
External reset
00000000
00000000
00000000
10000000
00000000
00000000
WDT reset
uuuuuuuu
uuuuuuuu
00000000
10000000
00000000
00000000
Register Name
NETC
NETD
SVD
ADOH
ADOL
ADCON
Address
2Bh
2Ch
2Dh
10h
11h
13h
External reset
00000000
00000000
00000000
00000000
00000000
00000000
WDT reset
00000000
00000000
00000000
00000000
00000000
00000000
Register Name
CTAH
CTAM
CTAL
CTBH
CTBM
CTBL
Address
014h
015h
016h
017h
018h
019h
External reset
00000000
00000000
00000000
00000000
00000000
00000000
WDT reset
00000000
00000000
00000000
00000000
00000000
00000000
Register Name
FQCON
LCD1
LCD2
LCD3
LCD4
LCD5
Address
1Ah
30h
31h
32h
33h
34h
External reset
00000000
uuuuuuuu
uuuuuuuu
uuuuuuuu
uuuuuuuu
uuuuuuuu
WDT reset
00000000
uuuuuuuu
uuuuuuuu
uuuuuuuu
uuuuuuuu
uuuuuuuu
Register Name
LCD6
LCD7
LCD8
LCDEN
Address
35h
36h
37h
38h
External reset
uuuuuuuu
uuuuuuuu
uuuuuuuu
uuuuuuuu
WDT reset
uuuuuuuu
uuuuuuuu
uuuuuuuu
uuuuuuuu
u mean unknown or unchanged
11.13 Application Notes
A HALT and SLEEP Commands
Please make sure all interrupt flags are cleared before running SLEEP; ”NOP” command must follow HALT and
SLEEP commands.
Example:
MAIN:
HALT
NOP
GOTO MAIN
MAIN_SLEEP:
CLRF INTF
SLEEP
NOP
GOTO SYSINI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com