Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 23 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 23 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 27Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
FS9912
Rev. 3.6
23/34
PT1PU[7:0]
PT1EN[7:0]
PT1[7:0]
D
Q
CK
LOAD
Write
AR==20h
READ&AR==20h
Databus[7:0]
PT1 is I/O port with pull-up resistor enable control.
PT1EN [N] =0: PT1 [N] is as input port, 1: PT1 [N] is as output port, system reset is 0.
PT1PU [N]=0: PT1 [N] without pull-up resistor, 1: PT1 [N] with pull-up resistor, system reset is 0.
PT1 [1] PT1 [0] can be as external interrupt sources. Interrupt mode is controlled by E1M, E0M. 00:
negative edge, 01: positive edge, 10&11: interrupt when change.
PT1 has Schmitt-trigger input
11.3.2 I/O Port2 (PT2)
Address
Name
Content
024H
PT2
PT2 [7:0]
025H
PT2EN
PT2EN [7:0]
026H
PT2PU
PT2PU [7:0]
027H
PT2MR
BPE2
BPE1
OPC1
OPC0
BPS PMPS
PT2PU[7:0]
PT2EN[7:0]
PT2[7:0]
D
Q
CK
LOAD
Write
AR==24h
READ&AR==24h
Databus[7:0]
PT2 is I/O ports with pull-up resistor enable control.
PT2EN [N] =0: PT2 [N] is as input port, 1: PT2 [N] is as output port, system reset is 0.
BPE2 =1 & PT2EN [7]=1: PT2 [7] as buzzer output. BPE1=1 & PT2EN [6]=1: PT2 [6] as inverter buzzer
output. BPS=1: buzzer frequency=4kHz, BPS=0 buzzer frequency=2.7kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com