Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 22 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 22 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
FS9912
Rev. 3.6
22/34
11.2 Power System
Address
Name
Content
02CH
NETD
PUMPEN
LBCEN
BNDEN
LCDEN
REGEN
GNDEN
BIASEN
02DH
SVD
LB
Voltage
Doubler
Voltage
Regulator
LCD
Bias
Bandgap
Voltage
Reference
Analog
Common
Generator
Bias
Circuit
CB
CA
VGG
AGND
VB
Low Battery
Compararor
VDD
VSS
REGEN
BIASEN
Bias(to Analog Circuit)
GNDEN
PUMPEN
Pump Clock
LCDEN
VC3,VC2,VC1
(To LCD Driver)
BNDEN
LBCEN
LB
1uF
1uF
1uF
1uF
100k
1uF
10nF
100k
BIASEN=1 will start the bias circuit of the analog circuit. When power on reset, BIASEN is 0
GNDEN=1 will start the internal analog common generator circuit, and the AGND voltage is about (vdd,
vss)/2.
PUMPEN=1 will start the voltage doubler circuit. VGG voltage is about 2VDD.
PMPS (PT2MR [0]) will set the voltage doubler operation frequency: 0 is 2.7kHz, and 1 is 10kHz.
REGEN=1 will start the internal voltage regulator. VDDA voltage is about 4V.
LCDEN=1 will start the LCD driver bias circuit. The LCD bias voltages are RLCD, 2/3RLCD, 1/3RLCD,
and vss respectively.
BNDEN=1 will start the internal bandgap voltage reference. The output voltage (REFO, AGND) is about
1.2V.
LBCEN=1 will start the low battery check comparator. The comparator inputs are VDD and REFO
respectively, and the low battery check voltage is about 2.4V.
11.3 I/O Port
11.3.1 I/O Port1(PT1)
Address
Name
Content
020H
PT1
PT1 [7:0]
021H
PT1EN
PT1EN [7:0]
022H
PT1PU
PT1PU [7:0]
023H
PT1MR
E1M1
E1M0
E0M1
E0M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com