Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 15Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
FS9912
Rev. 3.6
11/34
9.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage to Ground Potential
-0.3 to 5.0
V
Applied Input/Output Voltage
-0.3 to VDD+0.3
V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-55 to +150
°C
Soldering Temperature, Time
260
°C, 10 Sec
10. Electrical Characteristics
10.1 DC Characteristic (Unless otherwise specified VDD=3V,Ta=25℃)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Recommend Operation
Power Voltage
2.4
3.6
V
IDD
Supply Current
CPU, ADC On
1.5
mA
IPO1
Power-off Supply Current
At Power Off, LVR
disable
1
  μ
A
IPO2
Power-off Supply Current
At Power Off, LVR
enable
2
 μ
A
VIH
Digital Input High Voltage
VDD-0.5
V
VIL
Digital Input Low Voltage
0.5
V
Ipu
Pull up Current
Vin=0
5
10
 μ
A
IOH
High Level Output Current
VOH=0.9xVDD
1
mA
IOL
High Level Output Current
VOL=0.1xVDD
2
mA
AGND
Analog Ground Voltage
VDD/2
V
VDDA
Analog Power
4
V
VREF
Build in Reference Voltage
To AGND
1.20
V
VCREF
Build in Reference Voltage
Supply Voltage Coefficient
VDD=2.4~3.6
-2000
+2000
ppm/V
TCREF
Build in Reference Voltage
Temperature Coefficient
Ta=0~50℃
100
ppm/℃
VLBAT
Low Battery Detector Voltage
2.4
V
FLCD
LCD Frame Frequency
32
Hz
VLCD
LCD Pk-Pk Driver Voltage
2.8
3
3.2
V
10.2 ADC Characteristic (Unless otherwise specified VDD=3V,Ta=25℃)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VAIN
ADC Differential Input Range
AGND-0.4 0
AGND+0.
4
V
VRFIN
ADC Reference Input Range
0.25
0.5
V
Resolution
±15625
Counts
ADC Linearity Error
VRFIN=0.44V
-0.1
0
+0.1
mV
ADC Input Offset Voltage
With Zero Cancellation
VRFIN=0.44V
VAIN=0
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com