Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 24 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 24 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 28Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
FS9912
Rev. 3.6
24/34
11.4 8 Bits Timer
Address
Name
Content
00CH
TMOUT
TMOUT [7:0]
00DH
TMCON
TRST
WTS2
WTS1
WTS0
TMEN
INS2
INS1
INS0
8 bits Counter
Reset
EN
CK
Out
8 to 1
Mux
Timer Interrupt Signal
TMOUT[7:0]
TRST
128Hz Input
TMEN
Write a “0” to bit 7 of address 0Dh, the CPU will send a low pulse to TRST and reset the 8-bit counter.
Then read bit 7 of 0DH to get “1”.
TMEN=1, the 8-bit counter will be enabled. TMEN=0, the 8-bit counter will stop.
INS [2:0] selects timer interrupt source. The selection codes are as follows, 000: TMOUT [0], 001 TMOUT
[1], 010: TMOUT [2], 011: TMOUT [3], 100: TMOUT [4], 101: TMOUT [5], 110: TMOUT [6], 111: TMOUT
[7].
TMOUT [7:0] is the output of the 8-bit counter. It is read-only.
11.5 Dual 24 Bit Programmable Counter
Address
Name
Content
014H
CTAH
CTA [23:16]
015H
CTAM
CTA [15:8]
016H
CTAL
CTA [7:0]
017H
CTBH
CTB [23:16]
018H
CTBM
CTB [15:8]
019H
CTBL
CTB [7:0]
01AH
FQCON
LOAD
FCM1
FCM0
FCRST
GT2
GT1
GT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com