Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 17 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 17 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 21Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
FS9912
Rev. 3.6
17/34
HALT
Stop uP clock
1
None
SLEEP
Stop OSC
1
PD
CLRWDT
Clear watch dog timer
1
None
ADDPCW
PC=PC+1+{6{W [7], W
[6:0]}
2
None
BCF f, b
f [b]=0
1
None
BSF f, b
f [b]=1
1
None
BTFSC f, b
Skip if f[b]=0
1,2
None
BTFSS f, b
Skip if f[b]=1
1,2
None
f : memory address ( 0h ~ FFh)
w: work register
k : literal field , constant data or label
d: destination select : d=0 store result in W, d=1: store result in memory address f.
b: bit select(0~7)
M(f): the content of memory address f
PC: program counter
11.1.6 Instruction Description
NOP
No Operation
Syntax
NOP
Operation
No Operation
Status Affected
None
Description
No operation. NOP is used for one instruction cycle delay.
CLRF
Clear f
Syntax
CLRF f
Operation
0 => M (f)
Status Affected
1=> Z
Description
Reset memory address f content.
ADDWF
Add W to f
Syntax
ADDWF f, d
Operation
W + M (f) => (destination)
Status Affected
DC, C, Z
Description
Add the content of the W register and M (f). If d is 0, the result is stored in the W
register. If d is 1, the result is stored back in M (f).
INCF
Increment f
Syntax
INCF
f, d
Operation
M (f) + 1 => (destination)
Status Affected
Z
Description
M (f) is incremented. If d is 0, the result is stored in the W register. If d is 1, the
result is stored back in M (f).
INCFSZ
Increment f, skip if zero
Syntax
INCFSZ f, d
Operation
M (f) + 1 => (destination), skip if result is zero
Status Affected
None
Description
M (f) is incremented. If d is 0, the result is stored in the W register. If d is 1, the
result is stored back in M (f). If the result is 0, then the next fetched instruction is
discarded and a NOP is executed instead making it a two-cycle instruction.
DECF
Decrement f
Syntax
DECF f, d
Operation
M (f) - 1 => (destination)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com