Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
FS9912
Rev. 3.6
13/34
10.4 Typical Performance Characteristics
VDDA vs Load
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
01
23
45
67
8
9
10
Load (mA)
REFO vs Load
0.6
0.71
0.82
0.93
1.04
1.15
1.26
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Load (mA)
AGND Source vs Load
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10
20
3040
5060
7080
90
100
Load (uA)
AGND Sink vs Load
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
-10
-9
-8-7-6
-5-4
-3-2
-1
0
Load (mA)
CVGG = 1uF
CCA-CB = 1uF
CVGG = 1uF
CCA-CB = 1uF
CVGG = 1uF
CCA-CB = 1uF
CVGG = 1uF
CCA-CB = 1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com