Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 16Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
FS9912
Rev. 3.6
12/34
10.3 OPAMP Characteristic (Unless otherwise specified VDD=3V,Ta=25℃)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Offset
1
mV
Input Offset Voltage with Zero
Cancellation
Rs<100 
2
V
 
Input
Offset
Voltage
with
Chopper
Rs<100  
20
V
 
Input Offset Drift with Zero
Cancellation
-20 <T
℃
A<+50℃ 
30
nV/℃
Input Reference Noise
Rs=100 ,
 
0.1Hz~1Hz
1.0
Vpp
 
Input Reference Noise with
Chopper
Rs=100 ,
 
0.1Hz~1Hz
0.5
Vpp
 
Input Bias Current
10
30
pA
Input
Bias
Current
with
Chopper
100
300
pA
Input Common Mode Range
0.5
2.4
V
Output Voltage Range
0.5
2.4
V
Chopper Clock Frequency
1k
Hz
Capacitor Load
50
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com