Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS9912 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
FS9912
Rev. 3.6
5/34
1.
General Description
The FS9912 is a high performance, low cost CMOS 8-bit single chip microcontroller with embedded a 4kx16
bits ROM, an 8-channel 14-bit fully differential input analog to digital converter, low noise amplifier, and 4x16
LCD driver.
The FS9912 is best suited for applications such as low cost, high performance digital thermometer, ear
thermometer, scale, barometer, and hygrometer.
2.
Features
8-bit microcontroller, 37 single word instructions
Embedded 4k x 16 program memory, 128-byte data memory
Voltage operation ranges from 2.4V to 3.6V, 4MHz crystal oscillator
Operation current is less than 2mA, sleep mode current is about 1μA (LVR disable).
Low voltage reset (LVR) function mask option. FS9912R_nnnV LVR enable, FS9912_nnnV LVR disable.
8-level deep hardware stacks
5 Interrupt sources (external: 2, internal: 3)
8-channel 14-bit ADC (±400mV input range, ±2LSB linearity error) with 40Hz output rate
Embedded charge pumper and voltage regulator (4V regulated output)
Embedded bandgap voltage reference (typical 1.2V±50mV, 100ppm/°C)
Low noise (1μV Vpp without chopper, 0.5μV Vpp with chopper, 0.1Hz~1Hz) OPAMPs with chopper
controller
16-bit bidirectional I/O port and buzzer output
Dual 24-bit programmable timers
4 x 16 LCD driver (3V Vpp)
Watchdog timer
3.
Applications
Ear thermometer
Thermometer/Hygrometer
Scale/ Barometer
4.
Ordering Information
Product Number
Package Type
FS9912-nnnV
Dice form, or 64-pin LQFP
FS9912R-nnnV
Dice form, or 64-pin LQFP
Note1: Code number (nnnV) is assigned for customer; ”nnn” = 001~999; ”V” means Version = A~Z.
Note2: FS9912R_nnnV means LVR enable, FS9912_nnnV means LVR disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com