Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 32Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
FS9912
Rev. 3.6
28/34
034H
LCD5
SEG9 [3:0], SEG10 [3:0]
035H
LCD6
SEG11 [3:0], SEG12 [3:0]
036H
LCD7
SEG13 [3:0], SEG14 [3:0]
037H
LCD8
SEG15 [3:0], SEG16 [3:0]
038H
LCDEN
LCDEN
LCD Common Driver Waveform
COM1
VSS
1/3 RLCD
2/3 RLCD
RLCD
COM2
VSS
1/3 RLCD
2/3 RLCD
RLCD
COM3
VSS
1/3 RLCD
2/3 RLCD
RLCD
COM4
VSS
1/3 RLCD
2/3 RLCD
RLCD
32Hz
LCD Common Driver Waveform
LCDEN =1 will start the LCD clock.
LCD1~LCD8 is the LCD display data area.
11.11 Watch Dog Timer
Address
Name
Content
04H
STATUS
PD
TO
C
Z
00DH
TMCON
TRST,
WTS2
WTS1
WTS0
TMEN
INS2
INS1
INS0
8 bits Counter1
Watch Dog
Timer
Oscillator
WDTEN
Multiplex
WDTA[7:0]
WDTS[2:0]
8 bits Counter2
WDTOUT
CLRWDT
WDTEN is an external input pin. It can be connected to VDD and then starts watchdog timer oscillator. If
it is floated or connected to VSS, the watchdog timer function will be disabled.
When WDT Counter 2 overflows, it will send WDTOUT to reset the CPU and set TO flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com