Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 18Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
FS9912
Rev. 3.6
14/34
11. unction Description
11.1 CPU Core
11.1.1 CPU Core Block Diagram
Program Counter
8-Level Stack
Program Memory
Control Unit
ALU
Status Flag
FSR
Interrupt Unit
General
Data Memory
Data Bus
[7:0]
Address Bus
[7:0]
Oscillator
Clock Generator
Interrupt Event
Input
11.1.2 Program Memory Organization
FS9912 CPU has a 12-bit program counter capable of address an 4k x 16 program memory space.
The reset vector is at 0000h and the interrupt vector is at 0004h.
Program Conter
Stack Level 1
Stack Level 2
Stack Level 3
Stack Level 4
Reset Vector
Interrupt Vector
0000h
0004h
0FFFh
Stack Level 5
Stack Level 6
Stack Level 7
Stack Level 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com