Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9912 Datasheet(PDF) 33 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 33 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 34Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
FS9912
Rev. 3.6
33/34
14. Pad Coordinate
Pad No.
Name
X [mm]
Y [mm]
Pad No.
Name
X [mm]
Y [mm]
1
P1.0
2.035
0.385
33
SEG6
0.077
2.320
2
P1.1
2.035
0.525
34
SEG7
0.077
2.180
3
P1.2
2.035
0.665
35
SEG8
0.077
2.040
4
P1.3
2.035
0.790
36
SEG9
0.077
1.915
5
P1.4
2.035
0.915
37
SEG10
0.077
1.790
6
P1.5
2.035
1.040
38
SEG11
0.077
1.665
7
P1.6
2.035
1.165
39
SEG12
0.077
1.540
8
P1.7
2.035
1.290
40
SEG13
0.077
1.415
9
P2.0
2.035
1.415
41
SEG14
0.077
1.290
10
P2.1
2.035
1.540
42
SEG15
0.077
1.165
11
P2.2
2.035
1.665
43
SEG16
0.077
1.040
12
P2.3
2.035
1.790
44
COM4
0.077
0.915
13
P2.4
2.035
1.915
45
COM3
0.077
0.790
14
P2.5
2.035
2.040
46
COM2
0.077
0.665
15
P2.6
2.035
2.180
47
COM1
0.077
0.525
16
P2.7
2.035
2.320
48
VSS
0.077
0.385
17
XIN
2.035
2.663
49
OP1N
0.077
0.077
18
XOUT
1.885
2.663
50
OP1O
0.225
0.077
19
WDTEN
1.745
2.663
51
REFO
0.365
0.077
20
TST
1.620
2.663
52
REFI
0.490
0.077
21
RST
1.495
2.663
53
FT2
0.615
0.077
22
VDD
1.370
2.663
54
FT1
0.740
0.077
23
CB
1.245
2.663
55
AD7
0.865
0.077
24
CA
1.120
2.663
56
AD6
0.990
0.077
25
VGG
0.995
2.663
57
AD5
1.115
0.077
26
VDDA
0.870
2.663
58
AD4
1.240
0.077
27
RLCD
0.745
2.663
59
AD3
1.365
0.077
28
SEG1
0.620
2.663
60
AD2
1.490
0.077
29
SEG2
0.495
2.663
61
AD1
1.615
0.077
30
SEG3
0.370
2.663
62
AD0
1.740
0.077
31
SEG4
0.230
2.663
63
VB
1.880
0.077
32
SEG5
0.082
2.663
64
AGND
2.035
0.077



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com