Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2-GCE Datasheet(PDF) 30 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 30 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 34Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
FS9952_LP2
Open-Short Test
ONEK
SMV
AGND
_
+
RA
50k
RB
1k
R17
900k
R19
1k
PTC
J8
J6
Rx
VREF
0.4V
FS9952
V/Ohm
COM
Diagram 30 Open-Short Test
When doing the open-short test, the inner of IC will generate 0.4V voltage (relative to AGND) that is output from
R19 and is added to open-short measuring point through PTC. J6 and J8 are mode switches that are close
during doing the open-short test. Rx gets voltage VRx, and enters IC through R17. From the diagram we know
that
Rx=(R19+PTC)/50
So, the resistance value of PTC will influence the upper limit of open-short test resistance. When not connect to
PTC, if R22 is 1kΩ, then the resistance of the buzzer sound is smaller than 30Ω.
AC Large Current Clamp Meter Measurement Circuit
5 SA
30 AGND
FS9952
RL
VR
R
R29
100k
Diagram 31 AC Large Current Measurement
Triode hFE Test
10
200k
VDDA
E
C
B
R30
100k
ADP
Diagram 32 PNP-type Triode
Rev. 1.2
30/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com